Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 98Page - STMicroelectronics ST7285C Datasheet HTML 99Page - STMicroelectronics ST7285C Datasheet HTML 100Page - STMicroelectronics ST7285C Datasheet HTML 101Page - STMicroelectronics ST7285C Datasheet HTML 102Page - STMicroelectronics ST7285C Datasheet HTML 103Page - STMicroelectronics ST7285C Datasheet HTML 104Page - STMicroelectronics ST7285C Datasheet HTML 105Page - STMicroelectronics ST7285C Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
102/117
ST72E85 ST72T85
65
PA0/AIN0
I/O Port PA0
Analog input to ADC
Alternate function or I/O. The I/O configuration
is software selectable as triggered input or push
pull output. Note that when a pin is used as An-
alog input it must not be configured as an out-
put to avoid conflicts with the analog voltage to
be measured.
66
PA1/AIN1
I/O Port PA1
67
PA2/AIN2
I/O Port PA2
68
PA3/AIN3
I/O Port PA3
69
PA4/AIN4
I/O Port PA4
70
PA5/AIN5
I/O Port PA5
71
PA6/AIN6
I/O Port PA6
72
PA7/AIN7
I/O Port PA7
73
PB0/TDO
I/O Port PB0
SCI Transmit Data
Out
Alternate function or I/O. The I/O configuration
is software selectable as triggered input or push
pull output.
74
PB1/RDI
I/O Port PB1
SCI Receive Data In
75
PB2/IC1_A
I/O Port PB2
Input capture 1
on Timer A
76
PB3/IC2_A
I/O Port PB3
Input capture 2
on Timer A
77
PB4/OC1_A
I/O Port PB4
Output compare 1
on Timer A
78
PB5/OC2_A
I/O Port PB5
Output compare 2
on Timer A
79
PB6/CLKEXT
I/O Port PB6
External Clock on
Timer A
80
PB7/BEEP/
CLKOUT
I/O Port PB7
BEEP or CPU Clock.
This pin can be a push pull output delivering the
Beep signal (2KHz) or the CPU clock, accord-
ing to the miscellaneous register settings.
Pin
Pin Name(s)
Basic Fun ction
Alternate Functi on
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com