Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 36Page - STMicroelectronics ST7285C Datasheet HTML 37Page - STMicroelectronics ST7285C Datasheet HTML 38Page - STMicroelectronics ST7285C Datasheet HTML 39Page - STMicroelectronics ST7285C Datasheet HTML 40Page - STMicroelectronics ST7285C Datasheet HTML 41Page - STMicroelectronics ST7285C Datasheet HTML 42Page - STMicroelectronics ST7285C Datasheet HTML 43Page - STMicroelectronics ST7285C Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
40/117
ST7285C
16-BIT TIMER (Cont’d)
4.3.5 Output Compare
Two output compare registers are present: Output
Compare Register 1 and Output Compare Regis-
ter 2 (OCR1 and OCR2). These registers can be
used for several purposes, such as controlling an
output waveform or indicating when a period of
time has elapsed. The OCMP
i pin is associated
with the Output Compare
i function (i = 1 or 2).
The Output Compare Registers are unique in that
all bits are readable and writable and are not af-
fected by the timer hardware or by Reset. If a com-
pare function is not used, the two bytes of the cor-
responding Output Compare Registers can be
used as general purpose storage locations.
4.3.5.1 Output Compare Registers
The Output Compare Register
i (OCRi) is a 16-bit
register, which is made up of two 8-bit registers:
the most significant byte register (OCHR
i) and the
least significant byte register (OCLR
i).
In this section, the index,
i, may be 1 or 2.
The content of OCR
i is compared with the content
of the free running counter once during every timer
clock cycles, i.e. once every 8, 4 or 2 internal proc-
essor clock periods or 2 external clock periods ac-
cording to the clock control bits of the Timer Con-
trol Register (TCR2). If match is found, the Output
Compare Flag OCF
i of the TSR is set and the Out-
put Level bit (OLVL
i) of the TCR1 is clocked to the
OCMP
i pin (see output compare timing diagrams
Figure 6, Figure 7, Figure 8). OLVL
i is copied to
the corresponding output level latch and hence, to
the OCMP
i pin regardless of whether the Output
Compare Flag (OCF
i) is set or not. The value in
the OCR
i and the OLVLi bit should be changed af-
ter each successful comparison in order to control
an output waveform or establish a new elapsed
timeout.
An interrupt accompanies a successful output
compare if the corresponding interrupt enable bit
OCIE of the TCR1 is set, provided the I-bit of the
CCR is cleared. Otherwise, the interrupt remains
pending until both conditions are true. It is cleared
by a read of TSR followed by an access to the LSB
of the OCR
i.
After a processor write cycle to the OCHR
i regis-
ter, the output compare function is inhibited until
the OCLR
i is also written. Thus, the user must
write both bytes if the MSB is written first. A write
made to only the LSB will not inhibit the compare
function. The minimum time between two succes-
sive edges on the OCMP
i pin is a function of the
software program and the clock control bits of the
TCR2.
The OCMP
i output latch is forced low during reset
and stays low until valid compares change it to a
high level. Because the OCF
i flag and the OCRi
are undeterminate at power-on and are not affect-
ed by an external reset, care must be exercise
when initiating the output compare function with
software. The following procedure is recommend-
ed to prevent the OCF
i flag from being set be-
tween the time it is read and the write to OCR
i:
– Write to OCHR
i (further compares are inhibited).
– Read the TSR (first step of the clearance of OC-
F
i, which may be already set).
– Write to OCLR
i (enables the output compare
function and clears OCF
i).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com