Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 62Page - STMicroelectronics ST7285C Datasheet HTML 63Page - STMicroelectronics ST7285C Datasheet HTML 64Page - STMicroelectronics ST7285C Datasheet HTML 65Page - STMicroelectronics ST7285C Datasheet HTML 66Page - STMicroelectronics ST7285C Datasheet HTML 67Page - STMicroelectronics ST7285C Datasheet HTML 68Page - STMicroelectronics ST7285C Datasheet HTML 69Page - STMicroelectronics ST7285C Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 117 page
background image
66/117
ST7285C
4.7 RDS FILTER
The Radio Data System (RDS) Filter peripheral
consists of a Switched Capacitor (SC) bandpass
filter centered on 57 KHz. This filter selects the
RDS components from the multiplex radio signal.
The filter output is directly used by the demodula-
tor. The comparator limits the signal to digital lev-
els. The comparator output feeds the RDS demod-
ulator.
4.7.1 Features
– 57KHz Switched Capacitor (SC) bandpass filter
– Comparator
– D/A converter for comparator Offset Compensa-
tion by software
– Power Down mode.
Figure 32. RDS Filter Block Diagram
RW
FISEL
PHI1
ADR
RESET
RDSREF
TEST MODE
SELECTO R
D/A CONVERTE R
(Offset-compensation)
Comparator
RDSCOMP
STOP
CLKIN
(4.332MHz)
RDSFIL
TM2TM
SMOOTHIN G
FILTER
PREFILTER
(ANTI-
BUFFER
8th ORDER
SC FILTER
ALIASING)
MPX
to Demodulator
10
µF
270pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com