Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 13Page - STMicroelectronics ST7285C Datasheet HTML 14Page - STMicroelectronics ST7285C Datasheet HTML 15Page - STMicroelectronics ST7285C Datasheet HTML 16Page - STMicroelectronics ST7285C Datasheet HTML 17Page - STMicroelectronics ST7285C Datasheet HTML 18Page - STMicroelectronics ST7285C Datasheet HTML 19Page - STMicroelectronics ST7285C Datasheet HTML 20Page - STMicroelectronics ST7285C Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 117 page
background image
17/117
ST7285C
3.2 MISCELLANEOUS REGISTER
The Miscellaneous register allows one to select
the SLOW operating mode and to set the clock di-
vision prescaler factor. Bits 3 and 4 allow one to
set PB7 functionality (I/O, CPU Clock o/p or Beep
signal o/p), while bits 6 and 7 determine the signal
conditions which will trigger an interrupt request on
I/O pins having interrupt capability.
Register Address: 0020h
—
Read/ Write
Reset Value: 00h
b7, b6 - EI1, EI0:
External Interrupt Option
0 0 - Negative edge and low level (Reset state)
1 0 - Negative edge only
0 1 - Positive edge only
1 1 - Positive and negative edge
This selection applies globally to the four external
interrupts: I1, I2, I9 and I10.
b6 and b7 can be written only when the Interrupt
Mask (I) of the CC (Condition Code) register is set
to 1.
b5- Reserved
b4, b3 - SK1, CK0
: Clock/Beep Output
0 0 - I/O port (Reset state)
1 0 - I/O port
0 1 - CPU Clock output to pin PB7
1 1 - 2KHz Beep signal output to pin PB7
(at 8.664 MHz oscillator frequency)
b2, b1 - SM1,SM0:
CPU clock prescaler for Slow
Mode
0 0 - Oscillator frequency / 4
1 0 - Oscillator frequency / 8
0 1 - Oscillator frequency / 16
1 1 - Oscillator frequency / 32
b0 - SMS: Slow Mode Select
0- Normal mode - Oscillator frequency / 2
(Reset state)
1- Slow mode (Bits b1 and b2 define the prescaler
factor)
70
EI1
EI0
b5
SK1
CK0
SM1
SM0
SMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com