Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 39Page - STMicroelectronics ST7285C Datasheet HTML 40Page - STMicroelectronics ST7285C Datasheet HTML 41Page - STMicroelectronics ST7285C Datasheet HTML 42Page - STMicroelectronics ST7285C Datasheet HTML 43Page - STMicroelectronics ST7285C Datasheet HTML 44Page - STMicroelectronics ST7285C Datasheet HTML 45Page - STMicroelectronics ST7285C Datasheet HTML 46Page - STMicroelectronics ST7285C Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 117 page
background image
43/117
ST7285C
16-BIT TIMER (Cont’d)
4.3.6 Timer Registers
As can be seen from the Memory Map, each Timer
is associated with three control and status regis-
ters which are described in detail below, as well as
with six pairs of data registers (16-bit values) relat-
ing to the two input captures, the two output com-
pares, the counter and the alternate counter.
These six pairs of data registers are self-explana-
tory and need no further description.
TIMER CONTROL REGISTER 1 (TCR1)
Address: see Memory Map
—
Read/Write
Reset Value: 0000 0000b
Bit 7 = ICIE
Input Capture Interrupt Enable
If ICIE is set, a timer interrupt is enabled whenever
the ICF1 or ICF2 status flags of TSR are set. If the
ICIE bit is cleared, the interrupt is inhibited.
Bit 6 = OCIE
Output Compare Interrupt Enable
If OCIE is set, a timer interrupt is enabled whenev-
er the OCF1 or OCF2 status flags of TSR are set.
If the OCIE bit is cleared, the interrupt is inhibited.
Bit 5 = TOIE
Timer Overflow Interrupt Enable
If TOIE is set, a timer interrupt is enable whenever
the TOF status flag of TSR is set. If the TOIE bit is
cleared, the interrupt is inhibited.
Bit 4 = FOLV2
Forced Output Compare 2
When written to 1, FOLV2 forces OLVL2 to be
copied to the OCMP2 pin. FOLV2 has no effect
otherwise. It can only be reset by a system reset.
Bit 3 = FOLV1
Forced Output Compare 1
When written to 1, FOLV1 forces OLVL1 to be
copied to the OCMP1 pin. FOLV1 has no effect
otherwise. It can only be reset by a System Reset.
Bit 2 = OLVL2 Output Level 2
The OLVL2 bit is copied to the OCMP2 pin when-
ever a successful comparison occurs at OCR2.
Bit 1 = IEDG1 Input Edge 1
The value of IEDG1 determines which type of level
transition on pin ICAP1 will trigger a free running
counter transfer to the ICR1. When IEDG1 is set, a
rising edge triggers the capture, and when it is re-
set, a falling edge does.
Bit 0 = OLVL1
Output Level 1
The OLVL1 bit is copied to the OCMP1 pin when-
ever a successful comparison occurs at OCR1.
TIMER CONTROL REGISTER 2 (TCR2)
Address: see Memory Map
—
Read/Write
Reset Value: 0000 0000b
Bit 7 = OC1E
Output Compare 1 Enable
If OC1E is set, the Output Compare 1 pin
(OCMP1) is dedicated to the output compare 1 ca-
pability of the timer. If OC1E is reset, this pin is a
general use I/O pin.
Bit 6 = OC2E
Output Compare 2 Enable
If OC2E is set, the output compare 2 pin (OCMP2)
is dedicated the output compare 2 capability of the
timer. If OC2E is reset, this is a general I/O pin.
Bit 5 = OPM
One Pulse Mode
If OPM is set, the input pin ICAP1 is usable to trig-
ger one pulse on the output pin OCMP1; the active
transition on ICAP1 is given by the state of IEDG1.
The length of the generated pulse depends on the
the contents of OCR1.
Bit 4 = PWM
Pulse Width Modulation
If PWM is set, the output pin OCMP1 outputs a
programmable cyclic signal; the length of the pulse
depends on the value of OCR1; the period de-
pends on the value of OCR2.
Bit 3, 2 = CC1-CC0
Clock Control
00: the internal clock is divided by 4
01: the internal clock is divided by 2
10: the internal clock is divided by 8
11: the external clock is selected as shown
in the Block Diagram.
Bit 1 = IEDG2 Input Edge 2
The value of IEDG2 determines which level transi-
tion on pin ICAP2 will trigger the free running
counter transfer to the ICR2. When IEDG2 is high,
a rising edge triggers the capture since when low,
a falling edge does.
Bit 0 = EXEDG
External Clock Edge
The status of EXEDG determines which type of
level transition on the external clock pin EXCLK
will trigger the free running counter. When EXEDG
is set, the active transition is the rising edge; when
EXEDG is reset, the active transition is the falling
edge.
70
ICIE
OCIE
TOIE FOLV2 FOLV1 OLVL2 IEDG1 OLVL1
70
OC1E
OC2E
OPM
PWM
CC1
CC0
IEDG2
EXEDG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com