Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 69Page - STMicroelectronics ST7285C Datasheet HTML 70Page - STMicroelectronics ST7285C Datasheet HTML 71Page - STMicroelectronics ST7285C Datasheet HTML 72Page - STMicroelectronics ST7285C Datasheet HTML 73Page - STMicroelectronics ST7285C Datasheet HTML 74Page - STMicroelectronics ST7285C Datasheet HTML 75Page - STMicroelectronics ST7285C Datasheet HTML 76Page - STMicroelectronics ST7285C Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 117 page
background image
73/117
ST7285C
RDS G.B.S. (Cont’d)
Figure 35. G.B.S. Block Diagram
addresses
TIMING GENERATOR
addr8
addr9
addr10
addr11
addr12
addr13
addr14
addr15
addr0
addr1
addr2
addr3
26-bit QUALITY register
QR0...QR3
26-bit RDSDAT register
DR0...DR3
26-bit shift register
SR0...SR3
10-bit polynomial shift
SY0...SY1
Syndrome Detection
& Block Coder
Block Order
5-bit
count register
CNA
2-bit
count register
CNB
2
2
10
irq
vse
cni
rdsclk
cnaz
cnbz
ORD
vsi
vsi
nckpoly
clkshift
Sin
Sin
addr4
addr5
addr4
addr4
addr6
Fosc(8.664MHz)
Itsync
Phi1(4.332MHz)
A[3:0]
Nsyncsel
R/W
Reset
D[7:0]
DATA
clock
clock
nclock
clock
Sin
RDSDAT
RDSCLK
QUAL
register
Circuit
BL[2:0]
Compare Circuit
autoreload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com