Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 20Page - STMicroelectronics ST7285C Datasheet HTML 21Page - STMicroelectronics ST7285C Datasheet HTML 22Page - STMicroelectronics ST7285C Datasheet HTML 23Page - STMicroelectronics ST7285C Datasheet HTML 24Page - STMicroelectronics ST7285C Datasheet HTML 25Page - STMicroelectronics ST7285C Datasheet HTML 26Page - STMicroelectronics ST7285C Datasheet HTML 27Page - STMicroelectronics ST7285C Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 117 page
background image
24/117
ST7285C
4 ON-CHIP PERIPHERALS
4.1 I/O PORTS
4.1.1 Introduction
Each I/O Port can contain up to 8 individually pro-
grammable I/Os. The MCU features seven 8-bit
Ports (A, B, C,... G) and one 6-bit-port (H). Each I/
O pin is dedicated to its main functionality, thus re-
ducing and simplifying its programmability.
The current chapter describes the generic I/O
structure used in the MCU.
All I/Os are based on a generic circuit, of which a
block diagram is given in Figure 13. In most cases
the functions are simplified, and several sub-
blocks may be missing (such as, for instance, the
analog switch on ports B to H or pull-up and inter-
rupt logic for most of the I/O ports). Some registers
may also be absent where their functionality is re-
dundant: it is therefore advisable to consult the
Memory Map in section1.3 and the pin description
in section 1.2 for proper use of any particular I/O.
Only ports C4, C5, D4, D5, F0, F1, F2, F3, G3 fea-
ture interrupt capability.
The following sub-section 4.1.2 contains generic
information on ST7 I/O ports. For information spe-
cific to this device, please refer to sub-section
4.1.3.
4.1.2 Generic I/O Features
The I/O ports offer the following generic features:
– inputs with Schmitt trigger
– analog inputs, when connected via internal mul-
tiplexer
– interrupt generation, maskable by software
– EMI compliance thanks to reduced noise radia-
tion due to lowered cross-current in push pull
mode and reduced input susceptibility. This fea-
ture is particularly relevant in RDS applications.
Each
generic I/O pin may be individually program-
mable by software as:
– input: no pull-up, no interrupt generation
– input: pull-up, no interrupt generation
– input: pull-up, interrupt generation
– input: pull-down, no interrupt generation
– output: push-pull
– output: open-drain, no pull-up
– output: open-drain, with pull-up
4.1.2.1 Port Registers
Each port may be associated with up to four regis-
ters:
– DATA REGISTER (DR)
Address 0000 0000 000x xx00b; always present.
– DATA DIRECTION REGISTER(DDR)
Address 0000 0000 000x xx01b; always present.
– OPTION REGISTER (OR)
Address 0000 0000 000x xx10b; depending on
I/O dedication.
– PULL-UP REGISTER (PUR)
Address 0000 0000 000x xx11b; depending on
I/O dedication.
These are not internal CPU registers and must be
accessed by reading and writing to the relevant
memory locations. Refer toTable 1 - Memory Map
for the respective addresses and reset values.
4.1.2.2 Functional Description
Each I/O pin may be programmed independently
as an analog input if the port features analog capa-
bilities, as a digital input or a digital output with var-
ious variants, using the corresponding register
bits. When programmed as a digital input, a pull-up
or a pull-down resistor can, if present, be activated
by software. Only when enabling the pull-up, can
an interrupt function be programmed by software.
When programmed as an output, the I/O pin can
be programmed to operate either in push-pull or in
open-drain mode.
The interrupts generated by a port (active low) are
“ORed” to a single interrupt line that can be routed
to a CPU interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com