Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 4 Page - STMicroelectronics

  ST7285C Datasheet HTML 1Page - STMicroelectronics ST7285C Datasheet HTML 2Page - STMicroelectronics ST7285C Datasheet HTML 3Page - STMicroelectronics ST7285C Datasheet HTML 4Page - STMicroelectronics ST7285C Datasheet HTML 5Page - STMicroelectronics ST7285C Datasheet HTML 6Page - STMicroelectronics ST7285C Datasheet HTML 7Page - STMicroelectronics ST7285C Datasheet HTML 8Page - STMicroelectronics ST7285C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 117 page
background image
4/117
Table of Contents
117
6.3 DC ELECTRICAL CHARACTERISTICS . . . ... .. . ... .. .. .. . ... .. . ... .. . . . . . . . . 88
6.4 AC ELECTRICAL CHARACTERISTICS . . . ... .. . ... .. .. .. . ... .. . ... .. . . . . . . . . 89
6.5 CONTROL TIMING .... . ..... ... . . . . . ... . . . ... . . . .... ... .. .. . . ..... . . ... .89
7 GENERAL INFORMATION . . . . . . . . . . ..... . . .. .... .. .. . . . . . . . . .... . . .. ..... . ....96
7.1 PACKAGE MECHANICAL DATA . . . . .... .. .... .. .... . ..... .. .... ... ... .... .. 96
ST72E85
ST72T85 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .97
1 GENERAL DESCRIPTION. . . .... ... .. . . .. .. . . . .... . .... . . .. . . .... ... ... ... .... .98
1.1 INTRODUCTION ..... . . . . . ... ..... . . .. .... ... ... ... ... .... .. .. .... .. ....98
1.2 PIN DESCRIPTION .... . ..... ... . . . . . ... . . . ... . . . .... ... .. .. . . ..... . . ... .99
1.3 MEMORY MAP . . . ... . . . . . . . . . ..... .. ... ... .... ... ... .. ... .. . .... ... ....103
1.4 EPROM ERASURE .... . ..... ... . . . . . ... . . . ... . . . .... ... .. .. . . ..... . . ...105
1.5 EPROM/ROM I C COMPATIBILITY APPLICATION NOTE.... . . . . .. ... ..... . . .. . 106
2 ELECTRICAL CHARACTERISTICS . . . . .... .... ... ... ... .. .... ... . . . . . ... .... .. . 107
2.1 ABSOLUTE MAXIMUM RATINGS . . . . . . .... ... . . .... . ... .. . . . . .. .. . . .. .. ... 107
2.2 POWER CONSIDERATIONS. . . .... . . .... . . . . ...... . . .. ..... ... . ..... .. .. . 108
2.3 DC ELECTRICAL CHARACTERISTICS . . . ... .. . ... .. .. .. . ... .. . ... .. . . . . . . . 109
2.4 AC ELECTRICAL CHARACTERISTICS. . . ..... ... .... . . . ... .. .... .. . . .. .. . . . 110
2.5 CONTROL TIMING. . . . . . .. . . . ... . . . .... ... ... . .... ..... . . .. .... .... . ... .110
3 GENERAL INFORMATION . . . . . . . . . . ..... . . .. .... .. .. . . . . . . . . .... . . .. ..... . ...117
3.1 PACKAGE MECHANICAL DATA . . . . .... .. .... .. .... . ..... .. .... ... ... .... . 117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com