Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 11Page - STMicroelectronics ST7285C Datasheet HTML 12Page - STMicroelectronics ST7285C Datasheet HTML 13Page - STMicroelectronics ST7285C Datasheet HTML 14Page - STMicroelectronics ST7285C Datasheet HTML 15Page - STMicroelectronics ST7285C Datasheet HTML 16Page - STMicroelectronics ST7285C Datasheet HTML 17Page - STMicroelectronics ST7285C Datasheet HTML 18Page - STMicroelectronics ST7285C Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 117 page
background image
15/117
ST7285C
3 CLOCKS, RESET, INTERRUPTS & POWER SAVING MODES
3.1 CLOCK SYSTEM
3.1.1 General Description
The MCU accepts either a Crystal or Ceramic res-
onator, or an external clock signal to drive the in-
ternal oscillator. The internal clock (CPU CLK run-
ning at fCPU) is derived from the external oscillator
frequency (fOSC). The external Oscillator clock is
first divided by 2, and an additional division factor
of 2, 4, 8, or 16 can be applied, in Slow Mode, to
reduce the frequency of the CPU clock (see
note 1); this clock signal is also routed to the on-
chip peripherals. The CPU clock signal consists of
a square wave with a duty cycle of 50%.
Figure 4. External Clock Source Connections
Figure 5. Equivalent Crystal Circuit
3.1.2 Crystal Resonator
The internal oscillator is designed to operate with
an AT-cut parallel resonant quartz crystal resona-
tor in the frequency range specified for fosc.The
circuit shown in Figure 6 is recommended when
using a crystal, and Table 2 lists the recommend-
ed capacitance and feedback resistance values.
The crystal and associated components should be
mounted as close as possible to the input pins in
order to minimize output distortion and start-up
stabilisation time.
Use of an external CMOS oscillator is recom-
mended when crystals outside the specified fre-
quency ranges are to be used.
Figure 6. Crystal/Ceramic Resonator
Figure 7. Clock Prescaler Block Diagram
Note 1: Additional division factor of CPU clock is only available on L5/L6.
OSCin
OSCout
EXTERN AL
CLOCK
NC
OSCin
OSCout
RS
L1
C1
C0
OSCin
OSCout
COSCin
COSCout
RP
OSCin
OSCout
COSCin
COSCout
RP
%2
%2,4,8,16
CPUCLK
to CPU and
Peripherals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com