Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 57Page - STMicroelectronics ST7285C Datasheet HTML 58Page - STMicroelectronics ST7285C Datasheet HTML 59Page - STMicroelectronics ST7285C Datasheet HTML 60Page - STMicroelectronics ST7285C Datasheet HTML 61Page - STMicroelectronics ST7285C Datasheet HTML 62Page - STMicroelectronics ST7285C Datasheet HTML 63Page - STMicroelectronics ST7285C Datasheet HTML 64Page - STMicroelectronics ST7285C Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 117 page
background image
61/117
ST7285C
I
2C BUS INTERFACE (Cont’d)
STATUS REGISTER 2 (SR2)
Address: 002Ah
—
Read Only
Reset Value: 00h
b7-5 = reserved.
b4: AF
Acknowledge Failure
The Acknowledge Failure bit is set when no ac-
knowledge is returned. If this bit is set, then an in-
terrupt is sent to the microcontroller if ITE is set.
During this interrupt, the SCL line is not hold low.
This bit is cleared by a read of the Status Register.
It is also cleared when the peripheral is disabled
(PE=0) or by reset.
b3: STOPF
Stop Detection Flag (in Slave mode)
StopF bit is set when a Stop condition is detected
on the SCL line after an acknowledge of byte.
When this bit is set, an interrupt is sent to the mi-
crocontroller if ITE is set. During this interrupt, the
SCL line is not hold low.
This bit is cleared by a read of the status register
(when StopF is set). It is also cleared when the pe-
ripheral is disabled (PE=0) or by reset.
b2: ARLO
Arbitration Lost
ARLO is set when the I
2C interface loses the arbi-
tration of the bus to another Master. After ARLO is
set, the interface operates in Slave mode (M/SL at
a logic low) and an interrupt is generated if ITE is
set. During this interrupt, the SCL line is not hold
low.
This bit is cleared by a read of the Status register.
It is also cleared when the peripheral is disabled
(PE=0) or by reset.
b1: BERR
Bus Error
BERR bit is set when a misplaced start or stop
condition is detected. If this bit is set, then an inter-
rupt is sent to the microcontroller if ITE is set. Dur-
ing this interrupt, the SCL line is not hold low.
The Bus Error flag bit is cleared by a read of the
status register (when BERR is set). It is also
cleared when the peripheral is disabled (PE=0) or
by reset.
b0: GCAL
General Call (Slave mode)
If ENGC is set, GCAL is set following detection of
a general call address.
It is cleared by the detection of a stop condition, by
reset or when the peripheral is disabled (PE=0).
4.5.6 I
2C State Machine:
In I
2C mode, the I2C interface always operates in
Slave mode (M/SL at logic low level) except when
it initiates a transmission or a receive sequence.
It enables the multimaster function with an auto-
matic switch from Master mode to Slave mode
when the interface loses the arbitration of the I
2C
bus. So, the Slave process is active both in Slave
mode and in Master mode.
4.5.6.1 Slave mode
As soon as a start condition is detected, the ad-
dress word is received from the SDA line and it is
sent to the shift register; then it is compared with
the interface address.
– Address no matched: the state machine is reset
and it waits for another Start bit.
– Address matched: the Addressed As Slave bit
(ADSL) is set and an acknowledge bit is sent to
the Master if ACK is set. So an interrupt is sent to
the microcontroller if ITE is set; it then waits for
the microcontroller to read Status Register 1 by
holding the SCL line low.
Then, depending on the Data Direction bit (least
significant bit), and after generating an acknowl-
edge, the Slave must enter Send or Receive
mode.
4.5.6.2 Slave Receiving
The Slave receives words from the SDA line into
the shift register and it sends them to the data reg-
ister. After each word it generates an acknowledge
bit if the Enable Acknowledge flag is set. When the
acknowledge bit is sent, the BTF flag is set and an
interrupt is generated if ITE is set.Then it waits for
the microcontroller to read the Data Register by
holding the SCL line low.
- Detection of a Stop or a Start condition during a
byte reception: the BERR flag is set and an inter-
rupt is generated.
- Detection of a Start condition after an acknowl-
edge time-slot: the state machine is reset and
starts a new process.
- Detection of a Stop condition after an acknowl-
edge time-slot: the Slave state machine is reset.
Then the SSTOP flag is set and an interrupt is
generated if ITE is set.
- The Stop bit is set in the control register: the state
machine is reset after transfer of the current byte.
70
-
-
-
AF
STOP F
ARLO
BERR
GCAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com