Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 15Page - STMicroelectronics ST7285C Datasheet HTML 16Page - STMicroelectronics ST7285C Datasheet HTML 17Page - STMicroelectronics ST7285C Datasheet HTML 18Page - STMicroelectronics ST7285C Datasheet HTML 19Page - STMicroelectronics ST7285C Datasheet HTML 20Page - STMicroelectronics ST7285C Datasheet HTML 21Page - STMicroelectronics ST7285C Datasheet HTML 22Page - STMicroelectronics ST7285C Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 117 page
background image
19/117
ST7285C
3.4 WATCHDOG TIMER SYSTEM (WDG)
3.4.1 Introduction
The Watchdog timer is used to detect the oc-
curence of a software fault, usually generated by
external interference or by unforeseen logical con-
ditions, which causes the application program to
abandon its normal sequence. The Watchdog cir-
cuit generates an MCU reset on expiry of a pro-
grammed time period, unless the program refresh-
es the counter’s contents before it is decremented
to zero.
3.4.2 Functional Description
The counter is decremented every 12,288 ma-
chine cycles, and the length of the timeout period
can be programmed by the user in 64 increments,
ranging from 12,288 machine cycles to 786,432
machine cycles, depending on the value loaded in
bits 0-5 of the Watchdog register. The application
program must be written so that the Watchdog
register is reloaded at regular intervals during nor-
mal operation.
The Watchdog is not activated automatically on
Reset, and must be activated by the user program
if required. Once activated it cannot be disabled,
save by a Reset.
During the Reset cycle, the device Reset pin acts
as an output that is pulsed low for 3 machine cy-
cles (6 oscillator cycles). In its high state, an inter-
nal pull-up resistor of about 100K
Ω is connected to
the Reset pin.
This resistor can be pulled low by external circuitry
to reset the device.
The Watchdog delay time is defined by bits 5-0 of
the Watchdog register; bit 6 must always be set in
order to avoid generating an immediate reset.
Conversely, this can be used to generate a soft-
ware reset (bit 7 = 1, bit 6 = 0).
Once bit 7 is set, it cannot be cleared by software:
i.e. the Watchdog cannot be disabled by software
without generating a Reset. The Watchdog timer
must be reloaded before bit 6 is decremented to ”0”
to avoid a Reset. Following a Reset, the Watchdog
register will contain 7Fh (bits 0-6 = 1, bit 7 = 0).
If the Watchdog is activated, the HALT instruction
will generate a Reset.
If the circuit is not used as a Watchdog (i.e. bit 7 is
never set), bits 6 to 0 may be used as a simple 7-
bit timer, for instance as a real time clock. Since no
interrupt will be generated under these conditions,
the Watchdog register must be monitored by soft-
ware.
3.4.3 Watchdog Register
Register Address: 0024h
—
Read/ Write
Reset Value: 0111 1111 (7Fh)
b7 = WDGA: Activation bit (is active if set)
b6-0 =T6-T0: 7-bit timer counter (Msb to Lsb)
Table 4. Watchdog Timing (fOSC = 8 MHz)
70
WDGA
T6
T5
T4
T3
T2
T1
T0
WDG Register initial
value
WDG timeout period (ms)
FF
197
C0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com