Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 100Page - STMicroelectronics ST7285C Datasheet HTML 101Page - STMicroelectronics ST7285C Datasheet HTML 102Page - STMicroelectronics ST7285C Datasheet HTML 103Page - STMicroelectronics ST7285C Datasheet HTML 104Page - STMicroelectronics ST7285C Datasheet HTML 105Page - STMicroelectronics ST7285C Datasheet HTML 106Page - STMicroelectronics ST7285C Datasheet HTML 107Page - STMicroelectronics ST7285C Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 117 page
background image
104/117
ST72E85 ST72T85
0028h
0029h
002Ah
002Bh
002Ch
002Dh
002Eh
I2C
CR: Control Register
SR1: Status Register 1
SR2: Status Register 2
CCR: Clock Control Register
OAR1: Own Address Register 1
OAR2: Own Address Register 2
DR: Data Register
00h
00h
00h
00h
00h
00h
00h
R/W Register
Read Only Register
Read Only Register
R/W Register
R/W Register
R/W Register
R/W Register
002Fh
0030h
RESERVED
0031h
0032h
0033h
0034h
0035h
0036h
0037h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Timer A
Control Reg2
Control Reg1
Status Reg
Input Capture1 High Register
Input Capture1 Low Register
Output Compare1 High Register
Output Compare1 Low Register
Counter High Register
Counter Low Register
Alternate Counter High Register
Alternate Counter Low RegisteR
Input Capture2 High Register
Input Capture2 Low Register
Output Compare2 High Register
Output Compare2 Low Register
00h
00h
XXh
XXh
XXh
XXh
XXh
FFh
FCh
00h
00h
XXh
XXh
XXh
XXh
R/W Register
R/W Register
Read Only Register
Read Only Register
Read Only Register
R/W Register
R/W Register
Read Only Register
Read Only Register
Read Only Register
Read Only Register
Read Only Register
Read Only Register
R/W Register
R/W Register
0040h
RESERVED
0041h
0042h
0043h
0044h
0045h
0046h
0047h
0048h
0049h
004Ah
004Bh
004Ch
004Dh
004Eh
004Fh
Timer B
Control Reg2
Control Reg1
Status Reg
Input Capture1 High Register
Input Capture1 Low Register
Output Compare1 High Register
Output Compare1 Low Register
Counter High Register
Counter Low Register
Alternate Counter High Register
Alternate Counter Low Register
Input Capture2 High Register
Input Capture2 Low Register
Output Compare2 High Register
Output Compare2 Low Register
00h
00h
XXh
XXh
XXh
XXh
XXh
FFh
FCh
00h
00h
XXh
XXh
XXh
XXh
R/W Register
R/W Register
Read Only Register
Read Only Register
Read Only Register
R/W Register
R/W Register
Read Only Register
Read Only Register
Read Only Register
Read Only Register
Read Only Register
Read Only Register
R/W Register
R/W Register
0050h
0051h
0052h
0053h
0054h
0055h
0056h
0057h
SCI
SCI Prescaler
SCSR: Status Register
SCDR: Data Register
SCBRR: Baud Rate Register
SCCR1: Control Register 1
SCCR2: Control Register 2
PSCBRR: Receive Baud Rate Reg
Reserved
PSCBRT: Transmit Baud Rate Reg
1100000xb
XXh
00x----xb
XXh
00h
00h
---
00h
Read Only Register
R/W Register
R/W Register
R/W Register
R/W Register
R/W Register
Reserved ST use
R/W Register
0058h
RESERVED
0059h
RESERVED
005Ah
005Bh
RDS Filter
RDS FI1
RDS FI2
R/W Register
R/W Register
Address
Block
Register name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com