Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 104Page - STMicroelectronics ST7285C Datasheet HTML 105Page - STMicroelectronics ST7285C Datasheet HTML 106Page - STMicroelectronics ST7285C Datasheet HTML 107Page - STMicroelectronics ST7285C Datasheet HTML 108Page - STMicroelectronics ST7285C Datasheet HTML 109Page - STMicroelectronics ST7285C Datasheet HTML 110Page - STMicroelectronics ST7285C Datasheet HTML 111Page - STMicroelectronics ST7285C Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 117 page
background image
108/117
ST72E85 ST72T85
2.2 POWER CONSIDERATIONS
The average chip-junction temperature, TJ, in de-
grees Celsius, may be calculated using the follow-
ing equation:
TJ =TA +(PD x θJA)(1)
Where:
–TA is the Ambient Temperature in°C,
–
θJ
A is the Package Junction-to-Ambient Thermal
Resistance, in
°C/W,
–PD is the sum of PINT and PI/O,
–PINT is the product of IDD and VDD, expressed in
Watts. This is the Chip Internal Power
–PI/O represents the Power Dissipation on Input
and Output Pins; User Determined.
For most applications PI/O<PINT and may be ne-
glected. PI/O may be significant if the device is con-
figured to drive Darlington bases or sink LED Loads.
An approximate relationship between PD and TJ
(if PI/O is neglected) is given by:
PD =K÷ (TJ + 273°C) (2)
Therefore:
K= PD x(TA +273°C) + θJA xPD
2 (3)
Where:
– K is a constant for the particular part, which may
be determined from equation (3) by measuring
PD (at equilibrium) for a known TA. Using this val-
ue of K, the values of PD and TJ may be obtained
by solving equations (1) and (2) iteratively for any
value of TA.
Table 2. Thermal Characteristics
Symbol
Package
Value
Unit
θJ
A
PQFP80
CQFP80
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com