Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 105Page - STMicroelectronics ST7285C Datasheet HTML 106Page - STMicroelectronics ST7285C Datasheet HTML 107Page - STMicroelectronics ST7285C Datasheet HTML 108Page - STMicroelectronics ST7285C Datasheet HTML 109Page - STMicroelectronics ST7285C Datasheet HTML 110Page - STMicroelectronics ST7285C Datasheet HTML 111Page - STMicroelectronics ST7285C Datasheet HTML 112Page - STMicroelectronics ST7285C Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 117 page
background image
109/117
ST72E85 ST72T85
2.3 DC ELECTRICAL CHARACTERISTICS
(TA = -40 to +85
°C unless otherwise specified)
Note: All voltages are referred to VSS unless otherwise specified.
Note:At85
°C and V
DD = 5.5V, code 255 is missing.
Note *): The 3rd harmonic (57KHz) must be less than -40dB with respect to the input signal plus gain
GENERAL
Symbol
Parameter
Condition s
Min
Typ.
Max
Unit
V
DD
Supply Voltage
RDS Filter operational
4.5
5.5
V
Without RDS filter capability
3.0
6.0
STANDARD I/O PORT PINS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input Low Level Voltage
-
-
0.3xVDD
V
VIH
Input High Level Voltage
0.7xV
DD
--
V
VOL
Output Low Level Voltage
I=-5mA
-
-
0.5
V
I=-1.6mA
-
-
0.3
V
VOL
Output Low Level Voltage on pins
PH3, PH4, PH5
I=-5mA
-
-
1.0
V
I=-1.6mA
-
-
0.4
V
VOH
Output High Level Voltage
I=5mA
3.1
-
-
V
I=1.6mA
3.4
-
-
V
IL
Input Leakage Current
VSS<VPIN<VDD
-10
-
10
µA
IRPU
Pull-up Equivalent Resistance
VIN=VSS
40
-
250
KW
Tohl
Output H-L Fall Time
Cl=50pF
-
30
-
ns
Tolh
Output L-H Rise Time
Cl=50pF
-
30
-
ns
A/D CONVERTER
Symbol
Parameter
Condit ions
Min
Typ
Max
Unit
Val
Resolution
fOSC = 8 MHz
8
bit
Terr
Total Error
f
OSC =8 MHz
± 2
LSB
Tcon
Conversion Time
f
OSC =8 MHz
16
µs
Rva
Analog Source Impedance
-
10
K
Ω
RDS FILTER
Symbol
Parameter
Condit ions
Min
Typ
Max
Unit
fC
Center Frequency
56.5
57
57.5
KHz
BW
3dB Bandwidth
V
IN: 3mV rms
2.5
3
3.5
KHz
G
Gain
@ 57 KHz
18
20
22
dB
A
Attenuation
∆f= ±4KHz
f = 38KHz
f = 67KHz
50
35
22
80
50
dB
RI
Input Impedance of MPX
100
160
200
K
Ω
RL
Load Impedance of FILOUT
1
M
Ω
S/N
Signal to Noise Ratio
VIN = 3mVRMS
40
dB
VIN
MPX input signal
f = 19KHz, T3
≤ 40 dB *)
170
250
600
mVRMS
VREF
Reference
VDD/2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com