Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 106Page - STMicroelectronics ST7285C Datasheet HTML 107Page - STMicroelectronics ST7285C Datasheet HTML 108Page - STMicroelectronics ST7285C Datasheet HTML 109Page - STMicroelectronics ST7285C Datasheet HTML 110Page - STMicroelectronics ST7285C Datasheet HTML 111Page - STMicroelectronics ST7285C Datasheet HTML 112Page - STMicroelectronics ST7285C Datasheet HTML 113Page - STMicroelectronics ST7285C Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 117 page
background image
110/117
ST72E85 ST72T85
2.4 AC ELECTRICAL CHARACTERISTICS
(TA = -40 to +85
°C unless otherwise specified)
2.5 CONTROL TIMING
(Operating conditions T
A = -40 to +85°C unless otherwise specified)
Note: 1. The minimum period t
ILIL should not be less than the number of cycle times it takes to execute the
interrupt service routine plus 21 cycles.
Symbol
Parameter
Conditions
Value
Unit
Min
Typ.
Max
V
DD
Operating Supply Voltage
4.332 MHz Internal
4.5
5.5
V
I
DD
Supply Current
RUN Mode f
EXT = 8.664MHz
VDD = 5.0V, fINT = 4.332MHz
WAIT Mode f
EXT = 8.664MHz
V
DD = 5.5V, fINT = 4.332MHz
HALT Mode, V
DD =5.0V
3
TBD
20
5
mA
mA
µA
VRM
Data Retention Mode
HALT Mode
2
V
Symbol
Parameter
Test Condition s
Value
Unit
Min
Typ.
Max
f
OSC
Frequency of Operation
V
DD = 4.5V
f external
f internal
8.664
4.332
MHz
t
ILCH
Halt Mode Recovery
Startup Time
Crystal Resonator
20
ms
t
RL
External RESET
Input pulse Width
1.5
t
CYC
t
PORL
Power Reset Duration
4096
t
CYC
TDOGL
Watchdog RESET
Output Pulse Width
200
ns
t
DOG
Watchdog Time-out
12,288
786,432
t
CYC
tILIL
Interrupt Pulse Period
(1)
tCYC
tOXOV
Crystal Oscillator
Start-up Time
50
ms
tDDR
Power up rise time
VDD min
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com