Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 113 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 113 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 109Page - STMicroelectronics ST7285C Datasheet HTML 110Page - STMicroelectronics ST7285C Datasheet HTML 111Page - STMicroelectronics ST7285C Datasheet HTML 112Page - STMicroelectronics ST7285C Datasheet HTML 113Page - STMicroelectronics ST7285C Datasheet HTML 114Page - STMicroelectronics ST7285C Datasheet HTML 115Page - STMicroelectronics ST7285C Datasheet HTML 116Page - STMicroelectronics ST7285C Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 113 / 117 page
background image
113/117
ST72E85 ST72T85
CONTROL TIMING (Cont’d)
Figure 4. SPI Master Timing Diagram CPOL=0, CPHA=0
Note: Measurement points are VOL,VOH,VIL and VIH
Figure 5. SPI Master Timing Diagram CPOL=1, CPHA=1
Note: Measurement points are VOL,VOH,VIL and VIH
1
6
7
10
11
12
13
SS
(Input)
SCK
(Output)
MISO
MOSI
(Input)
(Output)
45
VR000109
D7-Out
D6-Out
D0-Out
D7-In
D6-In
D0-In
1
6
7
10
11
12
13
SS
(Input)
SCK
(Output)
MISO
MOSI
(Input)
(Output)
4
5
VR000110
D7-Out
D6-Out
D0-Out
D7-In
D6-In
D0-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com