Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 109Page - STMicroelectronics ST7285C Datasheet HTML 110Page - STMicroelectronics ST7285C Datasheet HTML 111Page - STMicroelectronics ST7285C Datasheet HTML 112Page - STMicroelectronics ST7285C Datasheet HTML 113Page - STMicroelectronics ST7285C Datasheet HTML 114Page - STMicroelectronics ST7285C Datasheet HTML 115Page - STMicroelectronics ST7285C Datasheet HTML 116Page - STMicroelectronics ST7285C Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 117 / 117 page
background image
117/117
ST72E85 ST72T85
3 GENERAL INFORMATION
3.1 PACKAGE MECHANICAL DATA
Figure 47. 80-Pin Ceramic Quad Flat Package
Table 15. Ordering Information Table
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously
supplied. SGS-THO MSON Microelectronics products are not authorized for use as critical components in life support devices or systems
without the express written approval of SGS-THO MSON Microelectronics.
©1997 SGS-THOMSON Microelectronics - All rights reserved.
Purchase of I2C Components by SGS-THO MSON Microelectronics conveys a license under the Philips I2C Patent. Rights to use these
components in an I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips.
SGS-THOMSON Microelectronics Group of Companies
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands - Singapore
Spain - Sweden - Swit zerland - Taiwan - Thailand - United Kingdom - U.S.A.
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.24
0.128
A1
0.20
0.008
B
0.30 0.35 0.45 0.012 0.014 0.018
C
0.13 0.15 0.23 0.005 0.006 0.009
D
23.35 23.90 24.45 0.919 0.941 0.963
D1
19.57 20.00 20.43 0.770 0.787 0.804
D3
18.40
0.724
E
17.35 17.90 18.45 0.683 0.705 0.726
E1
13.61 14.00 14.39 0.536 0.551 0.567
E3
12.00
0.472
e
0.80
0.031
G
13.75 14.00 14.25 0.541 0.551 0.561
G1
19.75 20.00 20.25 0.778 0.787 0.797
G2
1.17
0.046
L
0.35 0.80
0.014 0.031
Ø
8.89
0.350
Number of Pins
N80
CQFP080W
Sales Types
Program Memory
RAM Size
Temperature Range
Package
ST 72E85A5G0
48K EPROM
3K
+25
°C
CQFP80
ST 72T85A5Q6
48K OTP
3K
-40 to +85
°C
PQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com