Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 109Page - STMicroelectronics ST7285C Datasheet HTML 110Page - STMicroelectronics ST7285C Datasheet HTML 111Page - STMicroelectronics ST7285C Datasheet HTML 112Page - STMicroelectronics ST7285C Datasheet HTML 113Page - STMicroelectronics ST7285C Datasheet HTML 114Page - STMicroelectronics ST7285C Datasheet HTML 115Page - STMicroelectronics ST7285C Datasheet HTML 116Page - STMicroelectronics ST7285C Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 116 / 117 page
background image
116/117
ST72E85 ST72T85
CONTROL TIMING (Cont’d)
1. The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge
the undefined region of the falling edge of SCL
2. The maximum hold time of the START condition only has to be met if the interface does not stretch the
low period of SCL signal
Cb = total capacitance of one bus line in pF
Figure 10. Definition of Timing Terminology
I2C BUS INTERFACE
Parameter
Standard I2C
Fast I2C
Symbol
Unit
Min
Max
Min
Max
Bus free time between a STOP and START
condition
4.7
1.3
Tubs
ms
Hold time START condition. After this period,
the first clock pulse is generated
4.0
0.6
Thd:sta
µs
LOW period of the SCL clock
4.7
1.3
Tlow
µs
HIGH period of the SCL clock
4.0
0.6
Thigh
µs
Set-up time for a repeated START condition
4.7
0.6
Tsu:sta
µs
Data hold time
0 (1)
0 (1)
0.9(2)
Thd:dat
µs
Data set-up time
250
100
Tsu:dat
ns
Rise time of both SDA and SCL signals
1000
20+0.1Cb
300
Tr
ns
Fall time of both SDA and SCL signals
300
20+0.1Cb
300
Tf
ns
Set-up time for STOP condition
4.0
0.6
Tsu:sto
ns
Capacitive load for each bus line
400
400
Cb
pF
Tbuf
Tlow Tr
Tf
Thd:sta
Tsp
Thd:sta
Thigh
Thd:dat
Tsu:dat Tsu:sta
Tsu:sto
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com