Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C3A1GE Datasheet (PDF) - StarTech.com Ltd.

HB30C3A1GE Datasheet PDF - StarTech.com Ltd.
Part # HB30C3A1GE
Download  HB30C3A1GE Download
File Size   67.16 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3-Port USB-C Hub with Gigabit Ethernet - USB-C to 3x USB-A - USB 3.0 - Includes Power Adapter

HB30C3A1GE Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30C3A1GE Datasheet PDF - StarTech.com Ltd.

Part # HB30C3A1GE
Download  HB30C3A1GE Click to download

File Size   67.16 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3-Port USB-C Hub with Gigabit Ethernet - USB-C to 3x USB-A - USB 3.0 - Includes Power Adapter

HB30C3A1GE Datasheet (HTML) - StarTech.com Ltd.


HB30C3A1GE Product details

Applications
• Avoid having to use multiple adapters, and use this multiport hub to connect both USB peripherals and a network
device to your USB-C equipped laptop, tablet, Chromebook, Ultrabook or MacBook
• Add wired Internet connectivity to a computer in settings where Wi-Fi isn’t available
• Flexible hub placement options with an extended-length cable, so you can connect a wide variety of peripherals at
home or in the office

Features
• TAA Compliant
• Expand your laptop’s connectivity through USB-C by adding three USB-A ports (5Gbps) and a GbE RJ45 port
• Compact, small-footprint design makes it perfect for travel, or for desktop placement
• Built-in, extended length (30 cm) USB Type-C cable, for flexible desk placement options
• Included power adapter ensures your connected devices are fully powered and operational
• Integrated cable features a small and reversible USB-C connector, and it’s Thunderbolt 3 data port compatible
• Fast, easy installation with native support in most operating systems
• Supports Wake-On-LAN, Energy-Efficient Ethernet, jumbo frames, full duplex flow control, VLAN tagging, and layer
2 priority encoding
• Backward compatible, for use with your older USB 3.0 and 2.0 devices
• Dongle-style combination hub provides three SuperSpeed USB 3.0 (USB 3.1 Gen 1) ports, with throughput support
up to 5Gbps
• Plug-and-play and hot-swap compatible




Similar Part No. - HB30C3A1GE

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30C4AB STARTECH-HB30C4AB Datasheet
172Kb / 5P
4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered
HB30C4AFPD STARTECH-HB30C4AFPD Datasheet
60Kb / 4P
4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell
HB30C5A2CSC STARTECH-HB30C5A2CSC Datasheet
61Kb / 5P
7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed 5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub
HB30CM3A1CB STARTECH-HB30CM3A1CB Datasheet
93Kb / 4P
4 Port USB C Hub - 3x USB-A/1x USB-C - 5Gbps USB 3.0 Type-C Hub (3.2/3.1 Gen 1) - Bus Powered - Portable USB-C to USB-A Adapter Hub - 11.2" (28.5cm) Cable w/Cable Management
HB30CM4AB STARTECH-HB30CM4AB Datasheet
63Kb / 4P
4 Port USB C Hub - 4x USB-A - 5Gbps USB 3.0 Type-C Hub (USB 3.2/3.1 Gen 1) - Bus Powered Portable USB-C to USB-A Adapter Laptop Hub - 11.2" (28.5cm) Cable w/ Cable Management
More results


Similar Description - HB30C3A1GE

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U336U03GB TRIPPLITE-U336U03GB Datasheet
497Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-003-3AG TRIPPLITE-U460-003-3AG Datasheet
500Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, with Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U444-06N-DGUB-C TRIPPLITE-U444-06N-DGUB-C Datasheet
182Kb / 4P
USB-C to DVI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 1080p - PD Charging, Black
U444-06N-HGUB-C TRIPPLITE-U444-06N-HGUB-C Datasheet
180Kb / 4P
USB-C to HDMI Adapter with USB-A Hub, Gigabit Ethernet, Thunderbolt 3, 1080p - PD Charging, Black
U336-U03-GB TRIPPLITE-U336-U03-GB Datasheet
166Kb / 2P
USB 3.0 SuperSpeed to Gigabit Ethernet NIC Network Adapter with 3 Port USB 3.0 Hub
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com