Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C5A2CSC Datasheet (PDF) - StarTech.com Ltd.

HB30C5A2CSC Datasheet PDF - StarTech.com Ltd.
Part # HB30C5A2CSC
Download  HB30C5A2CSC Download
File Size   61.19 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed 5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub

HB30C5A2CSC Datasheet (PDF)

Go To PDF Page Download Datasheet
HB30C5A2CSC Datasheet PDF - StarTech.com Ltd.

Part # HB30C5A2CSC
Download  HB30C5A2CSC Click to download

File Size   61.19 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed 5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub

HB30C5A2CSC Datasheet (HTML) - StarTech.com Ltd.


HB30C5A2CSC Product details

Applications
• Upgrade and expand the connection capabilities of your MacBook, Ultrabook, laptop, or desktop
• Deploy in hot-desk environments to provide USB hub access for multiple devices
• Connect a wide variety of peripherals at home or in the office, all from a single USB 3.0 connection

Features
• 7 PORT USB C HUB: From a USB 3.0 (Gen 1) 5Gbps Type-C host port, add 5x USB-A and 2x USB-C ports;
Backwards compatible with USB 2.0/1.1; Includes 3.3ft (1m) USB-C host cable; Thunderbolt 3 Compatible
• SELF-POWERED USB HUB: Includes external 12V 4A universal power adapter (NA, EU, UK, JP, AU/NZ) & a
dedicated power switch for easy power toggling of all connected downstream devices to conserve energy
• SPEEDS UP TO 5Gbps: USB 3.0 SuperSpeed 5Gbps (USB 3.1 Gen 1 / USB 3.2 Gen 1) shared with all
downstream devices, supports thumb drives, data storage devices, keyboards, mice, web cams, headsets
• FAST CHARGE PORT WITH BC 1.2: Power up to 1.5A (7.5W) features a standalone Dedicated Charging Port
(DCP) for hostless charging or works as a Charging Downstream Port (CDP) for data and charging
• WIDE OPERATING SYSTEM COMPATIBILITY: USB C laptop/desktop hub is OS Independent, driverless setup,
supporting major operating systems including Windows, macOS, Linux, iPadOS, Chrome OS and Android




Similar Part No. - HB30C5A2CSC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30C3A1GE STARTECH-HB30C3A1GE Datasheet
67Kb / 5P
3-Port USB-C Hub with Gigabit Ethernet - USB-C to 3x USB-A - USB 3.0 - Includes Power Adapter
HB30C4AB STARTECH-HB30C4AB Datasheet
172Kb / 5P
4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered
HB30C4AFPD STARTECH-HB30C4AFPD Datasheet
60Kb / 4P
4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell
HB30CM3A1CB STARTECH-HB30CM3A1CB Datasheet
93Kb / 4P
4 Port USB C Hub - 3x USB-A/1x USB-C - 5Gbps USB 3.0 Type-C Hub (3.2/3.1 Gen 1) - Bus Powered - Portable USB-C to USB-A Adapter Hub - 11.2" (28.5cm) Cable w/Cable Management
HB30CM4AB STARTECH-HB30CM4AB Datasheet
63Kb / 4P
4 Port USB C Hub - 4x USB-A - 5Gbps USB 3.0 Type-C Hub (USB 3.2/3.1 Gen 1) - Bus Powered Portable USB-C to USB-A Adapter Laptop Hub - 11.2" (28.5cm) Cable w/ Cable Management
More results


Similar Description - HB30C5A2CSC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-DU-C TRIPPLITE-U444-06N-DU-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com