Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C5A2CSC Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # HB30C5A2CSC
Description  7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed 5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C5A2CSC Datasheet(HTML) 3 Page - StarTech.com Ltd.

  HB30C5A2CSC Datasheet HTML 1Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 2Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 3Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 4Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Supported Charging
Modes
Charging Downstream Port (CDP)
Dedicated Charging Port (DCP)
Supported Charging
Outputs
BC 1.2 (1.5A)
Connector(s)
Connector Type(s)
USB Type-A (9 pin) USB 3.0 (5 Gbps)
USB Type-C (24 pin) USB 3.0 (5Gbps)
USB 3.0 A (Fast-Charge, 9 pin)
USB Type-B (9 pin) USB 3.0
Software
OS Compatibility
OS Independent; No additional drivers or software required
Special Notes /
Requirements
System and Cable
Requirements
Available USB Type-C port - USB 3.0 (5Gbps)
Note
The USB Type-C ports are data only.
USB 3.0 is also known as USB 3.1 Gen 1; this connectivity standard
offers speeds up to 5Gbps.
The hub does not support DP Alt Mode or USB Power Delivery.
Indicators
LED Indicators
Active
Power
Power Source
AC Adapter Included
Input Voltage
100 - 240 AC
Input Current
1 A
Output Voltage
12V DC
Output Current
4 A
Center Tip Polarity
Positive
Plug Type
M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com