Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C5A2CSC Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HB30C5A2CSC
Description  7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed 5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C5A2CSC Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HB30C5A2CSC Datasheet HTML 1Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 2Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 3Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 4Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed
5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub
Product ID: HB30C5A2CSC
This USB-C hub turns your laptop or desktop USB Type-C or Thunderbolt 3 port into four standard USB-A ports, one
USB-A fast-charge port, and two USB-C ports. You can also extend the range of your USB devices by using this hub
as a mid-point repeater.
The 7-port USB hub provides convenient port access. The extended length of the supplied cable offers the flexibility
to position your hub and USB devices as needed, in order to create a comfortable, space-efficient work area. The
ports are sufficiently spaced to plug or unplug your USB devices without needing to disconnect other devices from
neighboring ports.
With extra USB 3.0 ports, you can increase productivity and connect more devices to your computer, or avoid the
hassle of swapping connected devices on your port-limited laptop.
The hub lets you extend the life of your current USB 3.0 devices while also taking advantage of newer USB-C
devices.
With the available fast-charge port, the hub helps to ensure that your tablet or smartphone are charged and ready to
use when you need them. You can also sync and access your device while it's charging. The USB-A charge port
supports USB Battery Charging Specification 1.2.
The HB30C5A2CSC is backed by a 2-year StarTech.com warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
• Upgrade and expand the connection capabilities of your MacBook, Ultrabook, laptop, or desktop


Similar Part No. - HB30C5A2CSC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HB30C3A1GE STARTECH-HB30C3A1GE Datasheet
67Kb / 5P
3-Port USB-C Hub with Gigabit Ethernet - USB-C to 3x USB-A - USB 3.0 - Includes Power Adapter
HB30C4AB STARTECH-HB30C4AB Datasheet
172Kb / 5P
4-Port USB-C Hub - USB-C to 4x USB-A - USB 3.0 Hub - Bus Powered
HB30C4AFPD STARTECH-HB30C4AFPD Datasheet
60Kb / 4P
4 Port USB C Hub with 4 USB Type-A Ports (USB 3.0 SuperSpeed 5Gbps) - 60W Power Delivery Passthrough Charging - USB 3.1 Gen 1/USB 3.2 Gen 1 Laptop Hub Adapter - MacBook, Dell
HB30CM3A1CB STARTECH-HB30CM3A1CB Datasheet
93Kb / 4P
4 Port USB C Hub - 3x USB-A/1x USB-C - 5Gbps USB 3.0 Type-C Hub (3.2/3.1 Gen 1) - Bus Powered - Portable USB-C to USB-A Adapter Hub - 11.2" (28.5cm) Cable w/Cable Management
HB30CM4AB STARTECH-HB30CM4AB Datasheet
63Kb / 4P
4 Port USB C Hub - 4x USB-A - 5Gbps USB 3.0 Type-C Hub (USB 3.2/3.1 Gen 1) - Bus Powered Portable USB-C to USB-A Adapter Laptop Hub - 11.2" (28.5cm) Cable w/ Cable Management
More results

Similar Description - HB30C5A2CSC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U460-004-4A TRIPPLITE-U460-004-4A Datasheet
515Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub - USB Type-C (USB-C) to (x4) USB-A, Aluminum
U444-06N-DGU-C TRIPPLITE-U444-06N-DGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to DVI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U444-06N-DU-C TRIPPLITE-U444-06N-DU-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to DVI DisplayPort Alternate Mode External Video Adapter with USB-A Hub and USB-C Charging Port
U444-06N-HGU-C TRIPPLITE-U444-06N-HGU-C Datasheet
517Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 1080p
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
U444-06N-VGU-C TRIPPLITE-U444-06N-VGU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to VGA External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port
U460-003-3AG-C TRIPPLITE-U460-003-3AG-C Datasheet
503Kb / 2P
3-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x3) USB-A, USB-C Charging Port & Gigabit Ethernet Port, Aluminum
U460-004-4A-C TRIPPLITE-U460-004-4A-C Datasheet
497Kb / 2P
4-Port USB 3.1 Gen 1 Portable Hub, USB-C to (x4) USB-A, with USB-C Charging Port
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com