Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C5A2CSC Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HB30C5A2CSC
Description  7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed 5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C5A2CSC Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HB30C5A2CSC Datasheet HTML 1Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 2Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 3Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 4Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• Deploy in hot-desk environments to provide USB hub access for multiple devices
• Connect a wide variety of peripherals at home or in the office, all from a single USB 3.0 connection
Features
• 7 PORT USB C HUB: From a USB 3.0 (Gen 1) 5Gbps Type-C host port, add 5x USB-A and 2x USB-C ports;
Backwards compatible with USB 2.0/1.1; Includes 3.3ft (1m) USB-C host cable; Thunderbolt 3 Compatible
• SELF-POWERED USB HUB: Includes external 12V 4A universal power adapter (NA, EU, UK, JP, AU/NZ) & a
dedicated power switch for easy power toggling of all connected downstream devices to conserve energy
• SPEEDS UP TO 5Gbps: USB 3.0 SuperSpeed 5Gbps (USB 3.1 Gen 1 / USB 3.2 Gen 1) shared with all
downstream devices, supports thumb drives, data storage devices, keyboards, mice, web cams, headsets
• FAST CHARGE PORT WITH BC 1.2: Power up to 1.5A (7.5W) features a standalone Dedicated Charging Port
(DCP) for hostless charging or works as a Charging Downstream Port (CDP) for data and charging
• WIDE OPERATING SYSTEM COMPATIBILITY: USB C laptop/desktop hub is OS Independent, driverless setup,
supporting major operating systems including Windows, macOS, Linux, iPadOS, Chrome OS and Android
Hardware
Warranty
2 Years
USB-C Device Port(s)
Yes
USB-C Host Connection
Yes
Ports
7
Interface
USB 3.0
Bus Type
USB 3.0
Industry Standards
USB Battery Charging Specification Rev. 1.2
USB-A charging port delivers up to 1.5 amps of power
USB 3.0 - Backward compatible with USB 2.0 and 1.1
Chipset ID
VIA/VLI - VL813
Performance
Maximum Data Transfer
Rate
5 Gbps
Type and Rate
USB 3.0 - 5 Gbit/s
UASP Support
Yes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com