Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB30C5A2CSC Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # HB30C5A2CSC
Description  7 Port USB C Hub with Fast Charge Port - USB-C to 5x USB-A 2x USB-C (USB 3.0 SuperSpeed 5Gbps) - Self Powered USB 3.1 Gen 1 Type-C Hub w/ Power Adapter - Desktop/Laptop Hub
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HB30C5A2CSC Datasheet(HTML) 4 Page - StarTech.com Ltd.

  HB30C5A2CSC Datasheet HTML 1Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 2Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 3Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 4Page - StarTech.com Ltd. HB30C5A2CSC Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Power Consumption (In
Watts)
48
Environmental
Operating Temperature
0C to 50C (32F to 122F)
Storage Temperature
-20C to 70C (-4F to 158F)
Humidity
0~95% RH (Non-condensing) at 25C
Physical
Characteristics
Color
Black & Silver
Form Factor
Desktop
Material
Plastic
Cable Length
39.4 in [100 cm]
Product Length
5.9 in [14.9 cm]
Product Width
2.6 in [65 mm]
Product Height
0.9 in [24 mm]
Weight of Product
5.3 oz [150 g]
Packaging
Information
Package Length
8.4 in [21.3 cm]
Package Width
5.9 in [14.9 cm]
Package Height
2.0 in [51 mm]
Shipping (Package)
Weight
19.4 oz [550 g]
What's in the
Box
Included in Package
USB-C hub
1m USB-C to USB-B cable
universal power adapter (NA/JP, UK, EU, ANZ)
quick-start guide



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com