Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5714 Datasheet (PDF) - Analog Devices

ADRF5714 Datasheet PDF - Analog Devices
Part # ADRF5714
Download  ADRF5714 Download
File Size   829.63 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz

ADRF5714 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADRF5714 Datasheet PDF - Analog Devices

Part # ADRF5714
Download  ADRF5714 Click to download

File Size   829.63 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz

ADRF5714 Datasheet (HTML) - Analog Devices


ADRF5714 Product details

FEATURES
► Ultrawideband frequency range: 100 MHz to 30 GHz
► 16 dB single attenuation step
► Low insertion loss
► 0.7 dB at 8 GHz
► 0.9 dB at 18 GHz
► 1.3 dB at 30 GHz
► Attenuation accuracy: ±0.20 dB typical at up to 30 GHz
► High input linearity
► P0.1dB insertion loss state: 33 dBm typical
► P0.1dB 16 dB attenuation state: 30 dBm typical
► IP3 insertion loss state: 51 dBm typical
► IP3 16 dB attenuation state: 49 dBm typical
► High RF power handling
► 30 dBm typical steady state average
► 33 dBm typical steady state peak
► RF amplitude settling time (0.1 dB of final RFOUT): 110 ns typical
► Single-supply operation supported
► Tight distribution in relative phase
► No low frequency spurious signals
► CMOS-/LVTTL-compatible
► 12-terminal, 2.25 mm x 2.25 mm, land grid array [LGA] package

APPLICATIONS
► Industrial scanners
► Test and instrumentation
► Cellular infrastructure: 5G millimeter wave
► Military radios, radars, electronic counter measures (ECMs)
► Microwave radios and very small aperture terminals (VSATs)




Similar Part No. - ADRF5714

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5714-EVALZ AD-ADRF5714-EVALZ Datasheet
808Kb / 9P
Evaluation of the ADRF5714 Silicon Digital Attenuator, 1-Bit, 100 MHz to 30 GHz
Rev. 0
More results


Similar Description - ADRF5714

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
2-30 GHz 5-bit Digital Attenuator
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
DC-30 GHz 5-bit Digital Attenuator
logo
Analog Devices
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
ADH941S AD-ADH941S Datasheet
351Kb / 8P
0.1 GHz to 30 GHz Digital Attenuator Die
20-Mar-2020
ADRF5044 AD-ADRF5044 Datasheet
476Kb / 14P
100 MHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
DC-30 GHz 6-bit Digital Attenuator
logo
Analog Devices
ADRF5473 AD-ADRF5473 Datasheet
1Mb / 17P
Die on Carrier, Silicon Digital Attenuator, 0.5 dB LSB, 6-Bit, 100 MHz to 40 GHz
12/2021-Revision 0
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com