Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV4053 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV4053_V01
Download  74LV4053 Download
File Size   296.7 Kbytes
Page   26 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple single-pole double-throw analog switch

74LV4053 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV4053 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV4053_V01
Download  74LV4053 Click to download

File Size   296.7 Kbytes
Page   26 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple single-pole double-throw analog switch

74LV4053 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV4053 Product details

General description
The 74LV4053 is a triple single-pole double-throw (SPDT) analog switch, suitable for use
as an analog or digital multiplexer/demultiplexer. It is a low-voltage Si-gate CMOS device
and is pin and function compatible with the 74HC4053 and 74HCT4053. Each switch has
a digital select input (Sn), two independent inputs/outputs (nY0 and nY1) and a common
input/output (nZ). All three switches share an enable input (E). A HIGH on E causes all
switches into the high-impedance OFF-state, independent of Sn.
VCC and GND are the supply voltage connections for the digital control inputs (Sn and E).
The VCC to GND range is 1 V to 6 V. The analog inputs/outputs (nY0, nY1 and nZ) can
swing between VCC as a positive limit and VEE as a negative limit. VCC  VEE may not
exceed 6 V. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND
(typically ground). VEE and VSS are the supply voltage connections for the switches.
Features and benefits
 Optimized for low-voltage applications: 1.0 V to 3.6 V
 Accepts TTL input levels between VCC = 2.7 V and VCC = 3.6 V
 Low ON resistance:
 180  (typical) at VCC  VEE = 2.0 V
 100  (typical) at VCC  VEE = 3.0 V
 75  (typical) at VCC  VEE = 4.5 V
 Logic level translation:
 To enable 3 V logic to communicate with 3 V analog signals
 Typical ‘break before make’ built in
 ESD protection:
 HBM JESD22-A114-C exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +85 C and from 40 C to +125 C




Similar Part No. - 74LV4053_V01

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
NXP Semiconductors
74LV4053BQ NXP-74LV4053BQ Datasheet
162Kb / 26P
Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4053BQ NEXPERIA-74LV4053BQ Datasheet
335Kb / 20P
Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053BQ-Q100 NEXPERIA-74LV4053BQ-Q100 Datasheet
782Kb / 25P
Triple single-pole double-throw analog switch
More results


Similar Description - 74LV4053_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 NXP-74LV4053 Datasheet
162Kb / 26P
Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
logo
Nexperia B.V. All right...
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
Triple single-pole double-throw analog switch
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
Triple single-pole double-throw analog switch
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com