Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LV4053_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
2 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LV4053D
40 C to +125 C
SO16
plastic small outline package; 16 leads; body
width 3.9 mm
SOT109-1
74LV4053DB
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads; body
width 5.3 mm
SOT338-1
74LV4053PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LV4053BQ
40 C to +125 C
DHVQFN16
plastic dual-in line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Functional diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com