Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
13 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
10.1 Waveforms
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 12. Propagation delay input (nYn, nZ) to output (nZ, nYn)
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 13. Enable and disable times
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
< 2.7 V
0.5VCC
0.5VCC
VOL + 0.1VCC
VOH  0.1VCC
2.7 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH  0.3 V
> 3.6 V
0.5VCC
0.5VCC
VOL + 0.1VCC
VOH  0.1VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com