Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74LV4053_V01 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 20Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
16 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
10.2.1 Test circuits
VCC = 3.0 V; GND = 0 V; VEE = 3.0 V; RL =50 ;
RSOURCE =1k.
Fig 15. Test circuit for measuring frequency response
Fig 16. Typical frequency response
VCC = 3.0 V; GND = 0 V; VEE = 3.0 V; RL =50 ;
RSOURCE =1k.
Fig 17. Test circuit for measuring isolation (OFF-state)
Fig 18. Typical isolation (OFF-state) as function of
frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com