Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LV4053_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
9 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
[1]
Typical values are measured at Tamb = 25 C.
[2]
When supply voltages (VCC  VEE) near 1.2 V the analog switch ON resistance becomes extremely non-linear. When using a supply of
1.2 V, it is recommended to use these devices only for transmitting digital signals.
RON(rail)
ON resistance (rail)
VI = GND
VCC =1.2 V; ISW = 100 A
[2]
-
250
-
-
-
VCC =2.0 V; ISW = 1000 A
-
120
280
-
325
VCC =2.7 V; ISW = 1000 A
-
75
170
-
195
VCC = 3.0 V to 3.6 V;
ISW = 1000 A
-
70
155
-
180
VCC =4.5 V; ISW = 1000 A
-
50
120
-
135
VCC =6.0 V; ISW = 1000 A
-
45
105
-
120
RON(rail)
ON resistance (rail)
VI = VCC  VEE
VCC =1.2 V; ISW = 100 A
[2]
-
350
-
-
-
VCC =2.0 V; ISW = 1000 A
-
170
340
-
400
VCC =2.7 V; ISW = 1000 A
-
105
210
-
250
VCC = 3.0 V to 3.6 V;
ISW = 1000 A
-
95
190
-
225
VCC =4.5 V; ISW = 1000 A
-
70
140
-
165
VCC =6.0 V; ISW = 1000 A
-
65
125
-
150
Table 7.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 10 and
Figure 11.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com