Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LV4053 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LV4053 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LV4053_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LV4053_V01 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 17 March 2016
8 of 26
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
9.1 Test circuits
9.2 ON resistance
VI = VCC or VEE and VO = VEE or VCC.VI = VCC or VEE and VO = open circuit.
Fig 8.
Test circuit for measuring OFF-state leakage
current
Fig 9.
Test circuit for measuring ON-state leakage
current
Table 7.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 10 and
Figure 11.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance (peak)
VI = 0 V to VCC  VEE
VCC =1.2 V; ISW = 100 A
[2]
--
-
-
-
VCC =2.0 V; ISW = 1000 A
-
180
365
-
435
VCC =2.7 V; ISW = 1000 A
-
115
225
-
270
VCC = 3.0 V to 3.6 V;
ISW = 1000 A
-
100
200
-
245
VCC =4.5 V; ISW = 1000 A
-
75
150
-
180
VCC =6.0 V; ISW = 1000 A
-
70
140
-
165
R
ON
ON resistance mismatch
between channels
VI = 0 V to VCC  VEE
VCC =1.2 V; ISW = 100 A
[2]
--
-
-
-
VCC =2.0 V; ISW = 1000 A-
5
-
-
-
VCC =2.7 V; ISW = 1000 A-
4
-
-
-
VCC = 3.0 V to 3.6 V;
ISW = 1000 A
-4
-
-
-
VCC =4.5 V; ISW = 1000 A-
3
-
-
-
VCC =6.0 V; ISW = 1000 A-
2
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com