Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS1 Datasheet (PDF) - Future Technology Devices International Ltd.

USB-COM232-PLUS1 Datasheet PDF - Future Technology Devices International Ltd.
Part # USB-COM232-PLUS1
Download  USB-COM232-PLUS1 Download
File Size   729.34 Kbytes
Page   25 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-COM232-PLUS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
USB-COM232-PLUS1 Datasheet PDF - Future Technology Devices International Ltd.

Part # USB-COM232-PLUS1
Download  USB-COM232-PLUS1 Click to download

File Size   729.34 Kbytes
Page   25 Pages
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.
Description Future Technology Devices International Ltd

USB-COM232-PLUS1 Datasheet (HTML) - Future Technology Devices International Ltd.


USB-COM232-PLUS1 Product details

1.1 Functional Description
The USB-COM-Plus modules are a family of communication devices. This model, USB-COM232-Plus1, provides a simple method of adapting legacy serial devices with RS232 interfaces to modern USB ports. This is accomplished by incorporating the industry standard FTDI FT232R USB-Serial bridge chip.
The integrated electronics of the USB-COM232-PLUS1 utilise the FTDI FT232R and includes RS232 level shifters plus TXD/RXD LEDs to provide a visual indication of data traffic through the module.
1.2 LED Description
The USB-COM232-Plus1 uses three LEDs to indicate a valid link as well as data traffic according to the
following table:
1.4 Features Adds one RS-232 serial port by connecting to USB Easy plug & play installation and RS-232 device connection Works with USB 1.1 & 2.0 Host and Hub ports Industry Standard FTDI chip set & device drivers for maximum compatibility Microsoft Windows® WHQL-certified, Mac OS X, Linux and Windows CE device drivers Installs as a standard Windows COM port COM port number can be changed to any available COM port number, including COM1 to COM4, to support HyperTerminal, or any other serial communications software application running in Windows Supports Windows Server 2008, 2003, Vista, XP 2000, Linux, Mac OS X FIFO: 128 byte transmit buffer, 256 byte receive buffer RS-232 data signals: TxD, RxD, RTS, CTS, DSR, DTR, DCD, RI, GND Powered by USB port. No external power adapter required. RI signal can be configured for +5VDC output at 250mA Serial port speed up to 1Mbps Serial Communication Parameters
o Parity: None, Even, Odd
o Data bits: 7, 8
o Flow control: RTS/CTS , DSR/DTR, X-ON/X-OFF, None One DE-9P male connector LEDs indicate USB Enumeration, RxD, TxD for monitoring port status & easy diagnostics Operating temperature of -40°C to +85°C




Similar Part No. - USB-COM232-PLUS1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
Future Technology Devices International Ltd
USB-COM232-PLUS2 ETC2-USB-COM232-PLUS2 Datasheet
805Kb / 24P
Future Technology Devices International Ltd
logo
Future Technology Devic...
USB-COM232-PLUS4 FTDI-USB-COM232-PLUS4 Datasheet
686Kb / 23P
The USB-COM-Plus modules are a family of communication devices
More results


Similar Description - USB-COM232-PLUS1

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com