Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS1 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # USB-COM232-PLUS1
Description  Future Technology Devices International Ltd
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM232-PLUS1 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  USB-COM232-PLUS1 Datasheet HTML 1Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 2Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Copyright © 2010 Future Technology Devices International Limited
2
Document Reference No.: FT_000118
USB-COM232-PLUS1 Datasheet
Version 1.2
Clearance No.: FTDI# 76
1.2 LED Description
The USB-COM232-Plus1 uses three LEDs to indicate a valid link as well as data traffic according to the
following table:
LED Color
Function
Description
Yellow
Enumerated
ON when USB-COM-Plus is configured and ready
Green
TxD Activity
Flashes when data is transmitted from the
USB-COM232-Plus1 to the
attached RS232 device
Red
RxD Activity
Flashes when data is transmitted from the attached RS232 device to the
USB-COM232-Plus1
Table 1.1 – LED Description
1.3 Block Diagram
FTDI FT232R
USB Serial Bridge
RS232
Level Shifter
USB B
Client
Connector
DE-9P
Connector
Figure 1.2 USB-COM232-Plus1 Block Diagram
1.3.1 Block description
USB B Client Connector
This connector provides the interface for connection to a USB Host or Hub port. The maximum cable
length is 5 meters, according to the USB 2.0 specification.
FTDI FT232R
The FTDI FT232R provides the USB-to-Serial conversion. Operating system device drivers are required in
order to work with the FT232R to provide the Virtual COM Port serial functionality.
RS232 Level Shifter
The RS232 level shifter converts the signals provided by the FT232R into the voltage levels required by
RS232 devices.
DE-9P Connector (Male)
The DE-9P connector is configured in an industry standard (TIA/EIA-574) pin-out to provide connection to
RS232 peripherals through standard cables. See section 3.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com