Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS1 Datasheet(PDF) 20 Page - Future Technology Devices International Ltd.

Part # USB-COM232-PLUS1
Description  Future Technology Devices International Ltd
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM232-PLUS1 Datasheet(HTML) 20 Page - Future Technology Devices International Ltd.

Back Button USB-COM232-PLUS1 Datasheet HTML 16Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 17Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 18Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 19Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 20Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 21Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 22Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 23Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 24Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Copyright © 2010 Future Technology Devices International Limited
19
Document Reference No.: FT_000118
USB-COM232-PLUS1 Datasheet
Version 1.2
Clearance No.: FTDI# 76
8 Troubleshooting
8.1 Hardware
Cables are the most common sources of trouble with external devices.
Check the following:
-
USB cable is properly inserted at both ends
-
Computer power is ON
-
Computer is not in Sleep or Standby
-
If a USB Hub is used, be sure it is set for “Self-Powered” operation
-
If a USB Hub is used, be sure all cables are properly inserted
-
If all the above are OK, the Yellow LED should be lit, indicating the device has been recognized by the
USB subsystem.
RS232 cables – check the following:
-
Output signals (TXD, RTS, DTR) are connected to the respective inputs (RXD, CTS, DSR) in each
direction.
-
Check for specific handshake requirements of your RS232 peripheral.
-
If handshake signals are note used, ensure the application is set to “No Hardware Handshake”, or
equivalent.
-
Test the port with a loop-back connector. Connect TXD to RXD, RTS to CTS and DTR to DSR. Use a
simple terminal program to check that data is transmitted and received.
8.2 Device Driver
Ensure the latest device driver is in use. See www.ftdichip.com
If other devices with FTDI chips are installed in the system, check with all manufacturers of these devices
for the latest device drivers.
See the FTDI installation guides for additional details: http://ftdichip.com/Documents/InstallGuides.htm
Common Windows Device Driver Troubles:
DEVICE TIMES OUT: The default settings of the device driver assume typical data transfers of
hundreds to thousands or more bytes at a given time. Some applications, such as a GPS device,
only send data in short packets, often only a few bytes. If this is the case, it may be necessary
to adjust the driver buffer size and/or latency timer to smaller values. These values can be
adjusted through the Advanced driver options as noted in Figure 2.13. The buffer size can be
reduced to 64 bytes. The latency timer can be set as low as 2ms. A setting of 1ms will cause
unnecessary USB traffic and could adversely affect data transmission.
ERRATIC MOUSE POINTER: The device driver defaults to query an attached device to find out
whether it is a mouse or modem, consistent with native COM port operation. Some RS232
peripherals constantly send short packets of data, causing the host system to “think” a mouse or
modem has been attached. These short packets will interfere with normal mouse operation
causing the pointer to jump around the screen. If this happens, disconnect the RS232 device and
uncheck the Serial Enumerator option, also found on the Advanced driver options screen in Figure
2.13.
COM PORT IN USE: Windows keeps track of all COM port assignments. If multiple FTDIChip
products have been connected to a single system, the COM port number will increase, even if the
other devices are not attached. If the higher COM port assignments are not acceptable for the
application, known unused COM port numbers should be uninstalled according to the FTDI
installation guide: http://ftdichip.com/Documents/InstallGuides.htm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com