Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS1 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # USB-COM232-PLUS1
Description  Future Technology Devices International Ltd
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM232-PLUS1 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button USB-COM232-PLUS1 Datasheet HTML 3Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000118
USB-COM232-PLUS1 Datasheet
Version 1.2
Clearance No.: FTDI# 76
2 Installation
2.1 Example Applications and Configurations
2.1.1 Wiring
Insert the A-plug into an available USB Host or Hub port. Insert the B-plug into the B-receptacle on the
USB-COM232-Plus1.
RS232 cables have followed a standard 9-pin configuration on a D-sub connector since the mid 1980s.
The USB-COM232-Plus1 follows this standard as a Data Terminal Equipment (DTE) device. If the RS232
equipment being connected is a Data Communication Equipment (DCE) device, it’s typical that a straight-
through cable can be used.
DTE Pin Number
Signal Name
DCE Pin Number
1
DCD = Data Carrier Detect
1
2
RXD = Receive Data
2
3
TXD = Transmit Data
3
4
DTR = Data Terminal Ready
4
5
GND = RS232 signal ground
5
6
DSR = Data Set Ready
6
7
RTS = Request To Send
7
8
CTS = Clear To Send
8
9
RI – Ring Indicator / +5VDC
9
Table 2.1 – RS232 DTE to DCE connection with straight-through cable
If the USB-COM232-Plus1 is connected to another DTE device, a serial “null-modem” cable is required. A
null-modem handles connecting output signals to the corresponding input signals on the other end.
Table 2.3 shows a typical null-modem cable. Note that RI and DCD are not always used.
DTE Pin Number
Signal Name
DTE Pin Number
2
RXD = Receive Data
3
3
TXD = Transmit Data
2
4
DTR = Data Terminal Ready
6
5
GND = RS232 signal ground
5
6
DSR = Data Set Ready
4
7
RTS = Request To Send
8
8
CTS = Clear To Send
7
Table 2.2 – RS232 DTE to DTE connection with null-modem cable
Some serial devices may require certain handshake signals be connected. Refer to your device manual
for cabling details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com