Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-COM232-PLUS1 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # USB-COM232-PLUS1
Description  Future Technology Devices International Ltd
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

USB-COM232-PLUS1 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button USB-COM232-PLUS1 Datasheet HTML 4Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 5Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 6Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 7Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 8Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 9Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 10Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 11Page - Future Technology Devices International Ltd. USB-COM232-PLUS1 Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Copyright © 2010 Future Technology Devices International Limited
7
Document Reference No.: FT_000118
USB-COM232-PLUS1 Datasheet
Version 1.2
Clearance No.: FTDI# 76
2.2 Device Driver Installation
The USB-COM232-Plus1 module drivers are available for download from:
www.ftdichip.com
2.2.1 Microsoft Windows
With the device drivers being Windows Hardware Quality Labs (WHQL) certified, they are also available
through download directly from the Microsoft® Windows® Update service. This is the best choice when
connecting the USB-COM232-Plus1 to a computer running Windows Vista. Additional installation options
are noted below:
Installation Executable shown on Windows XP
1) Login to your system as Administrator, or a user with Administrator rights.
2) Prior to connecting the USB-COM232-Plus1 to the USB Host or Hub port, download the latest
device driver version from the FTDIChip web site.
3) Run this executable to install the device drivers.
4) Connect the USB-COM232-Plus1 to your computer. A notification will appear near the task bar
indicating that new hardware has been installed and is ready for use. It is normal if this notice
appears twice.
Figure 2.1 - Hardware Ready
Windows Update shown on Windows XP
You must have an active Internet connection and the Windows Update Service enabled.
1) Connect the USB-COM232-Plus1 to your USB Host or Hub.
2) The “Found New Hardware” Wizard will appear. The first dialog should ask whether it is
acceptable to use the Windows Update Service to find the device driver.
Figure 2.2 – Found New Hardware Wizard
3) Select one of the “Yes” choices and click “Next”.
4) The following screen appears:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com