Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2L01 Datasheet (PDF) - STMicroelectronics

ST2L01 Datasheet PDF - STMicroelectronics
Part # ST2L01
Download  ST2L01 Download
File Size   378.64 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL VOLTAGE REGULATOR

ST2L01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2L01 Datasheet PDF - STMicroelectronics

Part # ST2L01
Download  ST2L01 Click to download

File Size   378.64 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL VOLTAGE REGULATOR

ST2L01 Datasheet (HTML) - STMicroelectronics


ST2L01 Product details

DESCRIPTION
Specifically designed for data storage applications, this device integrates two voltage regulators, each one able to supply 1A. It is assembled in PPAK and in a new surface mounting package named SPAK (PowerFlex) at 5 pins. The first regulator block supply 3.3V to power the Read Channel and Memory Chips requiring this voltage. The second one is an Adjustable output voltage from 1.25V to 3.0V that could power several kind of different micro-controllers.

■ VOUT1 = +3.3V FIXED
■ VOUT2 = 1.25 TO 3.0V ADJUSTABLE
■ GUARANTEED OUTPUT1 CURRENT: 1A
■ GUARANTEED OUTPUT2 CURRENT: 1A
■ ±2% OUTPUT TOLERANCE (AT 25°C)
■ TYPICAL DROPOUT 1.1V (IOUT1 = IOUT2 =1A)
■ INTERNAL POWER AND THERMAL LIMIT
■ STABLE WITH LOW ESR OUTPUT CAPACITOR
■ OPERATING TEMPERATURE RANGE: 0°C TO 125°C
■ AVAILABLE IN PPAK AND SPAK-5L (PowerFlex™) PACKAGE




Similar Part No. - ST2L01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1500K5 STMICROELECTRONICS-ST2L05R1500K5 Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1500PS STMICROELECTRONICS-ST2L05R1500PS Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1515K5 STMICROELECTRONICS-ST2L05R1515K5 Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
ST2L05R1515PS STMICROELECTRONICS-ST2L05R1515PS Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Similar Description - ST2L01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM325 NSC-LM325 Datasheet
222Kb / 8P
Dual Voltage Regulator
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4938N STMICROELECTRONICS-L4938N Datasheet
93Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Apr-1999
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
456Kb / 13P
Dual Low-Drop Voltage Regulator
Rev. 2.3 2002-02-20
logo
Rohm
BA33D18HFP ROHM-BA33D18HFP Datasheet
183Kb / 6P
Dual Low-Dropout Voltage Regulator
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
DUAL VOLTAGE TRACKING REGULATOR
logo
STMicroelectronics
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
L4937NL STMICROELECTRONICS-L4937NL Datasheet
1Mb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154_17 Datasheet
870Kb / 18P
Dual Input Voltage Regulator
March, 2017 ??Rev. 10
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com