Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2L01 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST2L01
Description  DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L01 Datasheet(HTML) 4 Page - STMicroelectronics

  ST2L01 Datasheet HTML 1Page - STMicroelectronics ST2L01 Datasheet HTML 2Page - STMicroelectronics ST2L01 Datasheet HTML 3Page - STMicroelectronics ST2L01 Datasheet HTML 4Page - STMicroelectronics ST2L01 Datasheet HTML 5Page - STMicroelectronics ST2L01 Datasheet HTML 6Page - STMicroelectronics ST2L01 Datasheet HTML 7Page - STMicroelectronics ST2L01 Datasheet HTML 8Page - STMicroelectronics ST2L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ST2L01
4/12
ELECTRICAL CHARACTERISTICS OF OUTPUT 2 (VI=5V, IO2=10mA Tj = 0 to 125°C unless otherwise
specified. Typical values are referred at Tj = 25°C, CI = 1µF (Tantalum), CO1 = CO1 =1µF (X7R). Refer to
"Typical Application Circuit "figure with R1=R2=120Ω".
Note 1: Low duty cycle pulse testing with Kelvin connections are required in order to maintain accurate data
Note 2: Dropout Voltage is defined as the minimum differential voltage between VI and VO required to mantain regulation at VO. It is measured
when the output voltage drops 1% below its nominal value.
Note 3: Transient response is defined with a step change in load from 10mA to 500mA as the time from the load step until the output voltage
reaches it’s minimum value.
Note 4: Minimum load current is defined as the minimum current required at the output in order for the output voltage to maintain regulation.
Note 5: Guaranteed by design, not tested in production.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Operating Input Voltage
IO2 =5mA to 1A
Tj = 0 to 125°C
4.5
V
VO2
Output Voltage 2
Tj = 25°C
2.45
2.5
2.55
V
VREF
Reference Voltage
(measured between pins 4
and 2)
Tj = 25°C
1.225
1.25
1.275
V
IO1 = 5mA to 1A
VI = 4.75 to 5.25V
Tj = 0 to 125°C
1.2125
1.25
1.2875
∆V
O2
Line Regulation 2
VI = 4.75 to 5.25V
0.004
0.2
%
∆V
O2
Load Regulation 2
IO = 0.01 to 1A
(Note 1)
0.08
0.4
%
VD2
Dropout Voltage 2
IO = 1A
Tj = 0 to 125°C
(Note 2)
1.1
1.3
V
tTR
Transient Response
IO = 10 to 500mA trise = tfall = 1µs
(Note 3, 5)
<1
µs
ISC2
Current Limit 2
RL = 0
Tj = 0 to 125°C
1
A
IO2
Minimum Load Current 2
Tj = 0 to 125°C
(Note 4)
1
mA
IADJ
Adjust Pin Current
Tj = 0 to 125°C
35
120
µA
∆I
ADJ
Adjust Pin Current
IO1 = 5mA to 1A
VI = 4.75 to 5.25V
Tj = 0 to 125°C
05
µA
SVR2
Supply Voltage Rejection
VI = 5 ±0.25V
IO1 = 100 mA
Tj = 0 to 125°C
(Note 5)
fI = 100Hz
70
77
dB
fI = 1KHz
70
80
fI = 10KHz
50
65
fI = 100KHz
30
43
Thermal Regulation 2
IO = 1A,
tPULSE = 30ms (Note 5)
0.1
%/W
eN2
Output Noise 1
B= 10Hz to 10KHz
(Note 5)
30
µVrms
∆V
REF
Temperature Stability
Tj = 0 to 125°C (Note 5)
0.5
%VO
∆V
REF
Long Term Stability
Tj = 125°C, 1000Hrs (Note 5)
0.3
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com