Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2L01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST2L01
Description  DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L01 Datasheet(HTML) 3 Page - STMicroelectronics

  ST2L01 Datasheet HTML 1Page - STMicroelectronics ST2L01 Datasheet HTML 2Page - STMicroelectronics ST2L01 Datasheet HTML 3Page - STMicroelectronics ST2L01 Datasheet HTML 4Page - STMicroelectronics ST2L01 Datasheet HTML 5Page - STMicroelectronics ST2L01 Datasheet HTML 6Page - STMicroelectronics ST2L01 Datasheet HTML 7Page - STMicroelectronics ST2L01 Datasheet HTML 8Page - STMicroelectronics ST2L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ST2L01
3/12
TYPICAL APPLICATION CIRCUIT
Note:
CO1 value could be lowered down to 470nF Ceramic Capacitor (X7R);
CI, CO1 and CO2 capacitors must be located not more than 0.5" from the outputs pins of the device.
For more details about Capacitors read the "Application Hints"
ELECTRICAL CHARACTERISTICS OF OUTPUT 1 (VI=5V, IO1=10mA Tj = 0 to 125°C unless otherwise
specified. Typical values are referred at Tj = 25°C, CI = 1µF (Tantalum), CO1 = CO1 =1µF (X7R)
Note 1: Low duty cycle pulse testing with Kelvin connections are required in order to maintain accurate data
Note 2: Dropout Voltage is defined as the minimum differential voltage between VI and VO required to mantain regulation at VO. It is measured
when the output voltage drops 1% below its nominal value.
Note 3: Transient response is defined with a step change in load from 10mA to 500mA as the time from the load step until the output voltage
reaches it’s minimum value.
Note 4: Minimum load current is defined as the minimum current required at the output in order for the output voltage to maintain regulation.
Note 5: Guaranteed by design, not tested in production.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
II
Input Current
IO1 = IO2 =0
Tj = 0 to 125°C
15
28
mA
VO1
Output Voltage 1
Tj = 25°C
3.23
3.3
3.37
V
IO1 = 5mA to 1A
VI = 4.75 to 5.25V
Tj = 0 to 125°C
3.2
3.3
3.4
∆V
O1
Line Regulation 1
VI = 4.75 to 5.25V
0.1
6
mV
∆V
OUT1
Load Regulation 1
IO = 0.01 to 1A
(Note 1)
3
12
mV
VD1
Dropout Voltage 1
IO = 1A
Tj = 0 to 125°C
(Note 2)
1.1
1.3
V
tTR
Transient Response
IO = 10 to 500mA trise = tfall = 1µs
(Note 3, 5)
<1
µs
ISC1
Current Limit 1
RL = 0
Tj = 0 to 125°C
1
A
IO1
Minimum Load Current 1
Tj = 0 to 125°C
(Note 4)
0
mA
SVR1
Supply Voltage Rejection
VI = 5 ±0.25V
IO1 = 100 mA
Tj = 0 to 125°C
(Note 5)
fI = 100Hz
60
68
dB
fI = 1KHz
60
70
fI = 10KHz
50
65
fI = 100KHz
30
38
Thermal Regulation
IO = 1A,
tPULSE = 30ms (Note 5)
0.1
%/W
eN1
Output Noise
B= 10Hz to 10KHz
(Note 5)
40
µVrms
∆V
O1
Temperature Stability
Tj = 0 to 125°C (Note 5)
0.5
%VO
∆V
O1
Long Term Stability
Tj = 125°C, 1000Hrs (Note 5)
0.3
%VO
R1
VO = VREF (1 + )+IADJR1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com