Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2L01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST2L01
Description  DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L01 Datasheet(HTML) 2 Page - STMicroelectronics

  ST2L01 Datasheet HTML 1Page - STMicroelectronics ST2L01 Datasheet HTML 2Page - STMicroelectronics ST2L01 Datasheet HTML 3Page - STMicroelectronics ST2L01 Datasheet HTML 4Page - STMicroelectronics ST2L01 Datasheet HTML 5Page - STMicroelectronics ST2L01 Datasheet HTML 6Page - STMicroelectronics ST2L01 Datasheet HTML 7Page - STMicroelectronics ST2L01 Datasheet HTML 8Page - STMicroelectronics ST2L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ST2L01
2/12
ABSOLUTE MAXIMUM RATINGS
GENERAL OPERATING CONDITION
THERMAL DATA
CONNECTION DIAGRAM (top view)
PIN DESCRIPTION
ORDERING INFORMATION
(*) Available in Tape & Reel with the suffix "R"
Symbol
Parameter
Value
Unit
VIN
Input Voltage
10
V
VESD
ESD Tolerance (Human Body Model)
4KV
Tstg
Storage Temperature Range
-55 to +125
°C
TJ
Operating Junction Temperature Range
0 to +125
°C
Symbol
Parameter
Value
Unit
VIN
Input Voltage
4.75 to 5.25
V
∆V
IN
Input Voltage Ripple
±0.15
V
tr
Input Voltage Rise Time (10% to 90%)
≥ 1
µs
tf
Input Voltage Fall Time (90% to 10%)
≥ 1
µs
Symbol
Parameter
SPAK-5L
PPAK
Unit
Rthj-case
Thermal Resistance Junction-case
2
8
°C/W
PPAK
SPAK-5L
Pin N°
Symbol
Name and Function
1VI
Input pin: bypass with a 1
µF capacitor to GND
2
ADJ
ADJ pin: resistor divider connection
3
GND
Ground pin
4VO2
Output Pin: adjustable output voltage; bypass with a 1
µF capacitor to GND
5VO1
Output Pin: fixed (3.3V) output voltage; bypass with a 1
µF capacitor to GND
TYPE
SPAK (Power Flex
™) 5 leads (*)
PPAK (*)
ST2L01
ST2L01K5
ST2L01PT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com