Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2L01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST2L01
Description  DUAL VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2L01 Datasheet(HTML) 5 Page - STMicroelectronics

  ST2L01 Datasheet HTML 1Page - STMicroelectronics ST2L01 Datasheet HTML 2Page - STMicroelectronics ST2L01 Datasheet HTML 3Page - STMicroelectronics ST2L01 Datasheet HTML 4Page - STMicroelectronics ST2L01 Datasheet HTML 5Page - STMicroelectronics ST2L01 Datasheet HTML 6Page - STMicroelectronics ST2L01 Datasheet HTML 7Page - STMicroelectronics ST2L01 Datasheet HTML 8Page - STMicroelectronics ST2L01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ST2L01
5/12
APPLICATION HINTS
EXTERNAL CAPACITORS
Like any low-dropout regulator, the ST2L01
requires external capacitors for stability. We
suggest to solder both capacitors as close as
possible to the relative pins (1, 2 and 5).
INPUT CAPACITORS
An input capacitor, whose value is at least 1
µF, is
required; the amount of the input capacitance can
be increased without limit if a good quality
tantalum or aluminum capacitor is used.
SMS X7R or Y5V ceramic multilayer capacitors
could not ensure stability in any condition because
of their variable characteristics with Frequency
and Temperature; the use of this capacitor is
strictly related to the use of the output capacitors.
For more details read the "OUTPUT CAPACITOR
SECTION".
The input capacitor must be located at a distance
of not more than 0.5" from the input pin of the
device and returened to a clean analog ground.
OUTPUT CAPACITOR
The ST2L01 is designed specifically to work with
Ceramic and Tantalum capacitros.
Special care must be taken when a Ceramic
multilayer capacitor is used.
Special care must be taken when a Ceramic
multilayer capacitor is used.
Due to their characteristics they can sometimes
have an ESR value lower than the minimum
required by the ST2L01 and their relatively large
capacitance can change a lot with the ambient
temperature.
The test results of the ST2L01 stability using
multilayer
ceramic
capacitors
show
that
a
minimum value of 1
µF is needed for the adjustable
regulator (set to 2.5V). This value can be
increased up to 10
µF when a tantalum capacitor
is used on the input. A higher value CO can have
an ESR lower than the accepted minimum.
When a ceramic capacitor is used on the input the
output capacitance must be in the range from 1
µF
to 2.2
µF if C
I=1µF, and from 1µF to 4.7µF if
CI=2.2µF.
The 3.3V regulator stable with a 470nF capacitor.
This value can be increased up to 10
µF if a
tantalum capacitor is used on the input. A higher
value CO can have an ESR lower than the
accepted minimum.
When a ceramic capacitor is used in the input the
output capacitance must be in the range from 1
µF
to 2.2
µF if C
I=1µF, and from 1µF to 4.7µF if
CI=2.2µF.
Surface-mountable solid tantalum capacitors offer
a good combination of small physical size for the
capacitance value and ESR in the range needed
by the ST2L01. The test results show good
stability for both outputs with values of at least
1
µF. The value can be increased without limit for
even
better
performance
such
a
transient
response and noise.
IMPORTANT; The output capacitor must maintain
its ESR in the stable region over the full operating
temperature to assure stability. Also , capacitor
tolerance and variation with temperature must be
considered to assure that the minimum amount of
capacitance is provided at all times. For this
reason, when a ceramic multilayer capacitor is
used, the better choise for temperature coefficent
is the X7R type, which holds the capacitance
within
±15% . The output capacitor should be
located not more than 0.5" from the output pins of
the device and returned to a clean analog ground.
ADJUSTABLE REGULATOR
The ST2L01 has a 1.25V reference voltage
between the output and the adjustable pins
(respectevely pin 4 and 2). When a resistor R2 is
placed between these two therminals a constant
current flows through R2 and down to R1 to set
the overall (VO2 to GND) output voltage.
Minimum load current is 1mA.
IADJ is very small (typically 35µA) and constant; in
the VO calculation it can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com