Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C16256 Datasheet (PDF) - Mosel Vitelic, Corp

V53C16256 Datasheet PDF - Mosel Vitelic, Corp
Part # V53C16256
Download  V53C16256 Download
File Size   146.11 Kbytes
Page   19 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM

V53C16256 Datasheet (PDF)

Go To PDF Page Download Datasheet
V53C16256 Datasheet PDF - Mosel Vitelic, Corp

Part # V53C16256
Download  V53C16256 Click to download

File Size   146.11 Kbytes
Page   19 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description 256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM

V53C16256 Datasheet (HTML) - Mosel Vitelic, Corp


V53C16256 Product details

Description
The V53C16256H is a 262,144 x 16 bit high-performance CMOS dynamic random access memory. The V53C16256H offers Fast Page mode with dual CAS inputs. An address, CAS and RAS input capacitances are reduced to one quarter when the x4 DRAM is used to construct the same memory density. The V53C16256H has symmetric address and accepts 512 cycle 8ms interval.
All inputs are TTL compatible. Fast Page Mode operation allows random access up to 512 x 16 bits, within a page, with cycle times as short as 19ns.
The V53C16256H is best suited for graphics, and DSP applications.

Features
■ 256K x 16-bit organization
■ Fast Page Mode for a sustained data rate
   of 53 MHz.
■ RAS access time: 30, 35, 40, 45, 50, 60 ns
■ Dual CAS Inputs
■ Low power dissipation
■ Read-Modify-Write, RAS-Only Refresh,
   CAS-Before-RAS Refresh
■ Refresh Interval: 512 cycles/8 ms
■ Available in 40-pin 400 mil SOJ and
   40/44L-pin 400 mil TSOP-II packages
■ Single +5V ±10% Power Supply
■ TTL Interface




Similar Part No. - V53C16256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256 MOSEL-V53C16256 Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Similar Description - V53C16256

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224162B TMT-T224162B Datasheet
143Kb / 9P
256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Samsung semiconductor
KM416C256D SAMSUNG-KM416C256D Datasheet
83Kb / 8P
256K x 16Bit CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com