Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7001 Datasheet (PDF) - STMicroelectronics

7001 Datasheet PDF - STMicroelectronics
Part # 7001
Download  7001 Download
File Size   331.49 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 900 MHz THREE GAIN LEVEL LNA

7001 Datasheet (PDF)

Go To PDF Page Download Datasheet
7001 Datasheet PDF - STMicroelectronics

Part # 7001
Download  7001 Click to download

File Size   331.49 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 900 MHz THREE GAIN LEVEL LNA

7001 Datasheet (HTML) - STMicroelectronics


7001 Product details

DESCRIPTION
The STB7001 is a Silicon monolithic amplifier, that offers low noise figure and three gain levels for 900-MHz applications. STB7001 is housed in a small industry-standard MSOP8 surface mount package, requiring very little board space (50% reduction vs SO8 Package). MSOP8 dimensions are 3mmx5mm with a 1.1mm thickness. The device is ESD protected and requires minimum external components in the application circuit, for the on-chip bias and gain control . Furthermore, temperature and supply voltage compensation assures high stability over a wide range of operating conditions.

• FULLY INTEGRATED 900 MHz LNA
• THREE GAIN LEVELS (0dB, 18dB, 26dB typ. @ 2.8V)
• LOW NOISE FIGURE
• TEMPERATURE COMPENSATED

APPLICATIONS
• GSM HANDSETS




Similar Part No. - 7001

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7001 BOURNS-7001 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Dow-Key Microwave Corpo...
7001 DOW-KEY-7001 Datasheet
536Kb / 2P
C-band Crossbar/Fan-Out
logo
List of Unclassifed Man...
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
RJ11 Modular Plug - 4P4C
logo
Multicomp Pro
7001-4P4C MULTICOMP-7001-4P4C Datasheet
175Kb / 1P
4P4C Modular Plug
05/02/21 V1.0
logo
List of Unclassifed Man...
7001-8P8C ETC2-7001-8P8C Datasheet
148Kb / 2P
Modular Plug
More results


Similar Description - 7001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
STMicroelectronics
STB7002 STMICROELECTRONICS-STB7002 Datasheet
369Kb / 7P
1.8GHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
Highly Linear LNA/Downconverter 800-900 MHz
logo
Infineon Technologies A...
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI1-LMH6518_14 Datasheet
1Mb / 40P
LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
BeRex Corporation
BL022 BEREX-BL022 Datasheet
1Mb / 19P
50-3000 MHz Wideband LNA Gain Block
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
50-3000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com