Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7001 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 7001
Description  900 MHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7001 Datasheet(HTML) 6 Page - STMicroelectronics

  7001 Datasheet HTML 1Page - STMicroelectronics 7001 Datasheet HTML 2Page - STMicroelectronics 7001 Datasheet HTML 3Page - STMicroelectronics 7001 Datasheet HTML 4Page - STMicroelectronics 7001 Datasheet HTML 5Page - STMicroelectronics 7001 Datasheet HTML 6Page - STMicroelectronics 7001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STB7001
6/7
SIDE VIEW
E2
E1
E
TOP VIEW
c
E1
E/2
2X
12
S
FRONT VIEW
D2
A2
A
A1
b
a
D
±TOL
S
0.525
c
0.65
Symbol
b
0.33
-0.08
+0.07
E2
2.95
E1
3.00
mm
A1
0.10
E4.90
D2
2.95
D3.00
A2
0.86
A1.10
MAX
a
0.10
+/-0.10
+/-0.10
+/-0.05
+/-0.15
+/-0.10
+/-0.10
+/-0.08
MSOP8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com