Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7001 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 7001
Description  900 MHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7001 Datasheet(HTML) 3 Page - STMicroelectronics

  7001 Datasheet HTML 1Page - STMicroelectronics 7001 Datasheet HTML 2Page - STMicroelectronics 7001 Datasheet HTML 3Page - STMicroelectronics 7001 Datasheet HTML 4Page - STMicroelectronics 7001 Datasheet HTML 5Page - STMicroelectronics 7001 Datasheet HTML 6Page - STMicroelectronics 7001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
STB7001
L2
5n1
L1
110n
L3
10n
L4
110n
C4
8p
C7
10n
C3
10n
C8
10n
C5
10n
C9
5p
C10
10n
C11
100p
1
2
JP1
BIAS
C6
4u7
VCC
VCC
VCC
J1
SMA_IN
J2
SMA_OUT
SW_SPDT
VCC
S1
SW SPDT
S3
SW SPDT
VCC
VCC
RF_IN
1
GND
2
VCC
3
ARLNA0
4
RF_OUT
5
GND
6
GC1
7
GC2
8
U1
LNA
C2
n/c
S2
C12
n/c
TEST CIRCUIT SCHEMATIC
TEST CIRCUIT PHOTOMASTER (board dimentions 23.5x20.3mm)
BOTTOM VIEW
23.5mm
TOP VIEW
23.5mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com