Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 7001
Description  900 MHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7001 Datasheet(HTML) 1 Page - STMicroelectronics

  7001 Datasheet HTML 1Page - STMicroelectronics 7001 Datasheet HTML 2Page - STMicroelectronics 7001 Datasheet HTML 3Page - STMicroelectronics 7001 Datasheet HTML 4Page - STMicroelectronics 7001 Datasheet HTML 5Page - STMicroelectronics 7001 Datasheet HTML 6Page - STMicroelectronics 7001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
January, 22 2002
STB7001
900 MHz THREE GAIN LEVEL LNA
• FULLY INTEGRATED 900 MHz LNA
• THREE GAIN LEVELS (0dB, 18dB, 26dB typ.
@ 2.8V)
• LOW NOISE FIGURE
• TEMPERATURE COMPENSATED
APPLICATIONS
• GSM HANDSETS
DESCRIPTION
The STB7001 is a Silicon monolithic amplifier, that
offers low noise figure and three gain levels for
900-MHz applications. STB7001 is housed in a
small industry-standard MSOP8 surface mount
package, requiring very little board space (50% re-
duction vs SO8 Package). MSOP8 dimensions
are 3mmx5mm with a 1.1mm thickness. The de-
vice is ESD protected and requires minimum ex-
ternal components in the application circuit, for the
on-chip bias and gain control . Furthermore, tem-
perature and supply voltage compensation as-
sures high stability over a wide range of operating
conditions.
MSOP8
ORDER CODE
STB7001
BRANDING
7001
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vcc
Supply voltage
5.5
V
Tj
Junction Temperature
150
°C
Tstg
Storage temperature
-40 to +85
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction -ambient Thermal Resistance
200
°C/W


Similar Part No. - 7001

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7001 BOURNS-7001 Datasheet
55Kb / 1P
Common Mode EMI Chokes
logo
Dow-Key Microwave Corpo...
7001 DOW-KEY-7001 Datasheet
536Kb / 2P
C-band Crossbar/Fan-Out
logo
List of Unclassifed Man...
7001-4P4C ETC2-7001-4P4C Datasheet
100Kb / 2P
RJ11 Modular Plug - 4P4C
logo
Multicomp Pro
7001-4P4C MULTICOMP-7001-4P4C Datasheet
175Kb / 1P
4P4C Modular Plug
05/02/21 V1.0
logo
List of Unclassifed Man...
7001-8P8C ETC2-7001-8P8C Datasheet
148Kb / 2P
Modular Plug
More results

Similar Description - 7001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2001 MOTOROLA-MRFIC2001 Datasheet
191Kb / 6P
900 MHz DOWNCONVERTER LNA/MIXER SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
STMicroelectronics
STB7002 STMICROELECTRONICS-STB7002 Datasheet
369Kb / 7P
1.8GHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
Tyco Electronics
MD59-0043 MACOM-MD59-0043 Datasheet
333Kb / 10P
Highly Linear LNA/Downconverter 800-900 MHz
logo
Infineon Technologies A...
BGA751L7 INFINEON-BGA751L7 Datasheet
689Kb / 22P
Low Power Single-Band UMTS LNA (800, 900 MHz)
V3.2, May 2009
logo
Texas Instruments
LMH6518SQ TI1-LMH6518SQ Datasheet
1Mb / 41P
LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI1-LMH6518_14 Datasheet
1Mb / 40P
LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
LMH6518 TI-LMH6518_15 Datasheet
1Mb / 41P
LMH6518 900 MHz, Digitally Controlled, Variable Gain Amplifier
logo
BeRex Corporation
BL022 BEREX-BL022 Datasheet
1Mb / 19P
50-3000 MHz Wideband LNA Gain Block
BL022 BEREX-BL022_18 Datasheet
1Mb / 9P
50-3000 MHz Wideband LNA Gain Block
BL022A BEREX-BL022A_18 Datasheet
914Kb / 7P
50-6000 MHz Wideband LNA Gain Block
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com