Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7001 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 7001
Description  900 MHz THREE GAIN LEVEL LNA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

7001 Datasheet(HTML) 5 Page - STMicroelectronics

  7001 Datasheet HTML 1Page - STMicroelectronics 7001 Datasheet HTML 2Page - STMicroelectronics 7001 Datasheet HTML 3Page - STMicroelectronics 7001 Datasheet HTML 4Page - STMicroelectronics 7001 Datasheet HTML 5Page - STMicroelectronics 7001 Datasheet HTML 6Page - STMicroelectronics 7001 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
STB7001
MIN GAIN
Freq.
VSWRi
VSWRo
Isolation
Gain
905
1.54
1.11
-43.83
0.07
912.5
1.54
1.11
-43.63
0.03
913.5
1.54
1.12
-45.88
-0.04
927.5
1.54
1.13
-45.76
-0.10
935
1.55
1.13
-45.69
-0.13
942.5
1.56
1.14
-46.75
-0.21
950
1.56
1.14
-45.29
-0.27
957.5
1.57
1.14
-45.20
-0.34
965
1.59
1.15
-45.38
-0.41
972.5
1.60
1.15
-45.79
-0.48
980
1.61
1.16
-45.15
-0.59
987.5
1.61
1.17
-42.79
-0.67
995
1.60
1.17
-43.49
-0.77



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com