Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet (PDF) - Renesas Technology Corp

M35054 Datasheet PDF - Renesas Technology Corp
Part # M35054
Download  M35054 Download
File Size   487.15 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35054 Datasheet (PDF)

Go To PDF Page Download Datasheet
M35054 Datasheet PDF - Renesas Technology Corp

Part # M35054
Download  M35054 Click to download

File Size   487.15 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35054 Datasheet (HTML) - Renesas Technology Corp


M35054 Product details

DESCRIPTION
The M35054-XXXFP and M35055-XXXFP are TV screen display control IC which can be used to display information such as number of channels, the date and messages and program schedules on the TV screen.
In particular, owing to the built-in SYNC-SEP (synchronous separation) circuit, the synchronous correction circuit, external circuits can be decrease and character turbulence that occurs when superimposing can be reduced. The processor is suitable for AV systems such as VTRs, LDs, and so on.

FEATURES
• Screen composition .............................. 24 characters ✕ 10 lines,
                                                                  32 characters ✕ 7 lines
• Number of characters displayed .................................. 240 (Max.)
• Character composition ..................................... 12 ✕ 18 dot matrix
• Characters available ............................. 128 characters (M35054)
                                    ............................. 256 characters (M35055)
• Character sizes available .................... 4 (horizontal) ✕ 4 (vertical)
• Display locations available
   Horizontal direction ............................................... 240 locations
   Vertical direction ................................................... 256 locations
• Blinking ................................................................. Character units
   Cycle : approximately 1 second, or approximately 0.5 seconds
   Duty : 25%, 50%, or 75%
• Data input .............................. By the serial input function (16 bits)
• Coloring
   Background coloring (composite video signal)
• Blanking
   Total blanking (14 ✕ 18 dots)
   Border size blanking
   Character size blanking
• Synchronizing signal
   Composite synchronizing signal generation
   (PAL, NTSC, M-PAL)
• 2 output ports (1 digital line)
• Oscillation stop function
   It is possible to stop the oscillation for synchronizing signal
   generation
• Built-in half-tone display function
• Built-in reversed character display function
• Built-in synchronous correction circuit
• Built-in synchronous separation circuit

APPLICATION
   TV, VCR, Movie




Similar Part No. - M35054

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35054 MITSUBISHI-M35054 Datasheet
266Kb / 51P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
M35054-001FP MITSUBISHI-M35054-001FP Datasheet
266Kb / 51P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
More results


Similar Description - M35054

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com