Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 3 Page - Renesas Technology Corp

  M35054 Datasheet HTML 1Page - Renesas Technology Corp M35054 Datasheet HTML 2Page - Renesas Technology Corp M35054 Datasheet HTML 3Page - Renesas Technology Corp M35054 Datasheet HTML 4Page - Renesas Technology Corp M35054 Datasheet HTML 5Page - Renesas Technology Corp M35054 Datasheet HTML 6Page - Renesas Technology Corp M35054 Datasheet HTML 7Page - Renesas Technology Corp M35054 Datasheet HTML 8Page - Renesas Technology Corp M35054 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
2
PIN DESCRIPTION
Function
This is the filter output pin 1.
This is the pin for test. Connect this pin to GND during normal operation.
This is the chip select pin, and when serial data transmission is being carried out, it goes
to “L”. Hysteresis input. Built-in pull-up resistor.
__
When CS pin is “L”, SIN serial data is taken in when SCK rises. Hysteresis input. Built-in
pull-up resistor.
This is the pin for serial input of data and addresses for the display control register and
the display data memory. Hysteresis input. Built-in pull-up resistor.
When “L”, this pin resets the internal IC circuit. Hysteresis input. Built-in pull-up resistor.
Please connect to +5V with the analog circuit power pin.
This is the output pin for composite video signals. It outputs 2VP-P composite video
signals. In superimpose mode, character output etc. is superimposed on the external
composite video signals from CVIN.
This is the input pin which determines the “white” character color level in the composite
video signal.
This is the input pin for external composite video signals. In superimpose mode, character
output etc. is superimposed on these external composite video signals.
Please connect to GND using circuit earthing pin.
This is the pin for test. Open this pin during normal operation.
This is the pin for test. Connect this pin to GND during normal operation.
This pin outputs the port output or BLNK1 (character background) signal.
This pin outputs the port output or CO1(character) signal.
Please connect to GND using circuit earthing pin (Analog side).
This is the input pin for the sub-carrier frequency (fSC) for generating a synchronous
signal.
A frequency of 3.580MHz is needed for NTSC, and a frequency of 4.434MHz in needed
for PAL and 3.576MHz is needed for M-PAL.
Filter output pin 2.
This is the input pin for external composite video signals. This pin inputs the external
video signal clamped sync-chip to 1.5V, and internally carries out synchronous separa-
tion.
Please connect to +5V with the digital circuit power pin.
Symbol
OSC1
TESTA
__
CS
SCK
SIN
__
AC
VDD2
CVIDEO
LECHA
CVIN
VSS
TESTC
TESTB
P0
P1
VSS
OSCIN
CP2
HOR
VDD1
Pin name
Clock input
Test pin input
Chip select input
Serial clock input
Serial data input
Auto-clear input
Power pin
Composite video
signal output
Character level input
Composite video
signal input
Earthing pin
Test pin output
Test pin input
Port P0 output
Port P1 output
Earthing pin
fSC input pin for
synchronous signal
generation
Filter output
Horizontal synchro-
nizing signal input
Power pin
Input/
Output
Input
—
Input
Input
Input
Input
—
Output
Input
Input
—
—
—
Output
Output
—
Input
Output
Input
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com