Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M35054 Datasheet HTML 16Page - Renesas Technology Corp M35054 Datasheet HTML 17Page - Renesas Technology Corp M35054 Datasheet HTML 18Page - Renesas Technology Corp M35054 Datasheet HTML 19Page - Renesas Technology Corp M35054 Datasheet HTML 20Page - Renesas Technology Corp M35054 Datasheet HTML 21Page - Renesas Technology Corp M35054 Datasheet HTML 22Page - Renesas Technology Corp M35054 Datasheet HTML 23Page - Renesas Technology Corp M35054 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
19
This display format allows each line to be controlled independently,
so that two kinds of display formats can be combined on the same
screen.
DISPLAY FORMS
M35054-XXXFP/M35055-XXXFP have the following four display
forms as the blanking function, when CO1 and BLNK1 are output.
(1) Character size
: Blanking same as the character size.
(2) Border size
: Blanking the background as a size from cha-
racter.
(3) Matrix-outline size: Blanking the background as a size from all
character font size.
(4) Matrix-outline
: Blanking the background as a size from all
border size
character font size.
Border display.
Fig. 8 Display forms at each display mode
Scanning
line
CVIDEO
12 dots
14 dots
a: Background carrier
color signal
(1) Character size
(2) Border size
(3) Matrix-outline size
CO1
BLNK1
aa
aa
V
V
Note: In this case, the output polarity that CO1
and BLNK1
is positive.
14 dots
(4) Matrix-outline border size
12 dots
18 dots
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com